Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4521 Datasheet(PDF) 8 Page - STMicroelectronics

Part # HCF4521
Description  24 STAGE FREQUENCY DIVIDER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4521 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button HCF4521 Datasheet HTML 4Page - STMicroelectronics HCF4521 Datasheet HTML 5Page - STMicroelectronics HCF4521 Datasheet HTML 6Page - STMicroelectronics HCF4521 Datasheet HTML 7Page - STMicroelectronics HCF4521 Datasheet HTML 8Page - STMicroelectronics HCF4521 Datasheet HTML 9Page - STMicroelectronics HCF4521 Datasheet HTML 10Page - STMicroelectronics HCF4521 Datasheet HTML 11Page - STMicroelectronics HCF4521 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Crystal Oscillator Circuit
TYPICAL DATA FOR CRYSTAL OSCILLATOR CIRCUIT
Characteri stic
500 kHz
CIRCUIT
50 kHz CI RCUIT
Un it
Crystal Characteristics
Resonant Frequency
Equivalent Reistance, RS
500
1
50
6.2
kHz
k
Ω
External Resistor/Capacitor Values
RO
CT
CS
47
82
20
750
82
20
k
Ω
pF
pF
Frequency Stability
Frequency Change as a Function of VDD (TA =25
oC)
VDD Change from 5V to 10V
VDD Change from 10V to 15V
Frequency Change as a Function of Temperature (VDD =10 V)
TA Change from -55
oCto 25 oC
HCF4521B only
Complete Oscillator *
TA Change from 25
oCto 125 oC
HCF4521B only
Complete Oscillator *
6
2
-4
100
-2
-160
2
2
-2
120
-2
-560
ppm
ppm
ppm
ppm
ppm
ppm
* Complete oscillator includes crystal, capacitors and resistors.
* Optional for low power operation.
HCF4521
8/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com