Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4521 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4521
Description  24 STAGE FREQUENCY DIVIDER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4521 Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4521 Datasheet HTML 1Page - STMicroelectronics HCF4521 Datasheet HTML 2Page - STMicroelectronics HCF4521 Datasheet HTML 3Page - STMicroelectronics HCF4521 Datasheet HTML 4Page - STMicroelectronics HCF4521 Datasheet HTML 5Page - STMicroelectronics HCF4521 Datasheet HTML 6Page - STMicroelectronics HCF4521 Datasheet HTML 7Page - STMicroelectronics HCF4521 Datasheet HTML 8Page - STMicroelectronics HCF4521 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HCF4521B
24 STAGE FREQUENCY DIVIDER
®
February 1999
s
VERY LOW QUIESCENT CURRENT
s
HIGH NOISE IMMUNITY
s
VOLTAGE SUPPLY RANGE 3V TO 18V
s
ALL STAGES ARE RESETTABLE
s
RESET DISABLES THE RC OSCILLATOR FOR
LOW STANDBY POWER DRAIN
s
RC AND CRYSTAL OSCILLATOR OUTPUT
ARE CAPABLE OF DRIVING EXTERNAL
LOADS
DESCRIPTION
The HCF4521B is a monolithic integrated circuit,
available in 16-lead dual-in-line plastic package
and plastic micro packages.
The HCF4521B have a chain of 24 flip-flops with
an input circuit that allows three modes of
operation. The input circuit functions as a crystal
or an RC oscillator or as an input buffer for an
external oscillator. Each flip-flop performs a
divide-by-two function giving a total count of 2
24 =
16,777,216. The count advances on the negative
going edge of the clock. Access is available to the
final seven stages giving the device added
flexibility.
PIN CONNECTION
M1
(Micro Package)
EY
(Plastic Package)
ORDER CODES :
HCF4521BEY
HCF4521BM1
1/12


Similar Part No. - HCF4521

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4520B STMICROELECTRONICS-HCF4520B Datasheet
912Kb / 12P
DUAL BINARY UP COUNTER
Oct-2002
HCF4520B STMICROELECTRONICS-HCF4520B Datasheet
315Kb / 14P
DUAL UP-COUNTERS
Jun-1989
HCF4520BEY STMICROELECTRONICS-HCF4520BEY Datasheet
912Kb / 12P
DUAL BINARY UP COUNTER
Oct-2002
HCF4520BM1 STMICROELECTRONICS-HCF4520BM1 Datasheet
912Kb / 12P
DUAL BINARY UP COUNTER
Oct-2002
HCF4520M013TR STMICROELECTRONICS-HCF4520M013TR Datasheet
912Kb / 12P
DUAL BINARY UP COUNTER
Oct-2002
More results

Similar Description - HCF4521

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14521B ONSEMI-MC14521B Datasheet
219Kb / 9P
24-Stage Frequency Divider
September, 2009 ??Rev. 7
logo
NXP Semiconductors
HEF4521B PHILIPS-HEF4521B Datasheet
159Kb / 11P
24-stage frequency divider and oscillator
January 1995
logo
Texas Instruments
CD4521B TI-CD4521B Datasheet
282Kb / 8P
CMOS 24-STAGE FREQUENCY DIVIDER
logo
Hitachi Semiconductor
HD14521B HITACHI-HD14521B Datasheet
97Kb / 6P
24-Stage Frequency Divider
logo
Toshiba Semiconductor
TC4521BP TOSHIBA-TC4521BP_07 Datasheet
396Kb / 9P
24-Stage Frequency Divider
logo
NXP Semiconductors
HEF4521B NXP-HEF4521B_09 Datasheet
114Kb / 17P
24-stage frequency divider and oscillator
Rev. 05-5 November 2009
logo
Texas Instruments
CD4521BE TI-CD4521BE Datasheet
1Mb / 18P
CMOS 24-Stage Frequency Divider
CD4521B TI-CD4521B_15 Datasheet
1Mb / 18P
CMOS 24-STAGE FREQUENCY DIVIDER
logo
ON Semiconductor
MC14521B ONSEMI-MC14521B Datasheet
188Kb / 9P
24-Stage Frequency Divider
September, 2009 ??Rev. 7
logo
Nexperia B.V. All right...
HEF4521B NEXPERIA-HEF4521B_V01 Datasheet
266Kb / 15P
24-stage frequency divider and oscillator
3 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com