Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMG150LP Datasheet(PDF) 4 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # AMG150LP
Description  Low-Profile Direct-Drive Gimbals
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

AMG150LP Datasheet(HTML) 4 Page - AEROTECH US. ALL RIGHTS RESERVED.

  AMG150LP Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. AMG150LP Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. AMG150LP Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. AMG150LP Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. AMG150LP Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. AMG150LP Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
www.aerotech.com
AMG-LP Series DIMENSIONS
150
299
350
98
270
220
313
AZIMUTH
CL
AZIMUTH: MOTOR
FEEDBACK
ELEVATION: MOTOR
FEEDBACK
175
30
144
154
186
4X 60
189
360
100
102
125
127
7 THRU
11 TO DEPTH SHOWN
355 DIAMETRAL CLEARANCE
360
ELEVATION
CL
DIMENSIONS: MILLIMETERS
NOTE - THIS PRODUCT IS EXPORT CONTROLLED: ECCN 2B120
REVISIONS
ECO
REV.
DESCRIPTION
DATE
APPROVED
0004787
A
DRAWING RECREATED. EXPORT CONTROL NOTE
ADDED.
11-NOV-22
JMAGLOSKY
TBYRNE
MODEL BY:
MODEL FILENAME:
AMG150LP-CAT
-
AMG150LP
PART CODE:
LOW PROFILE
150MM NOMINAL APERTURE
AMG150LP-CAT
PART NAME:
DWG. NO.
REV
AMG150LP GIMBAL
SHEET 1 OF 1
11-NOV-22
DATE
BMIKLANCIE
DRAW
JMAGLOSKY
JMAGLOSKY
NAME
CHECK
APPR.
11-NOV-22
10-NOV-22
PLACE DRAWING VIEWS BELOW
AMG150LP



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com