Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMG150LP Datasheet(PDF) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # AMG150LP
Description  Low-Profile Direct-Drive Gimbals
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

AMG150LP Datasheet(HTML) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

  AMG150LP Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. AMG150LP Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. AMG150LP Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. AMG150LP Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. AMG150LP Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. AMG150LP Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
www.aerotech.com
Direct-Drive Motors for Outstanding Control
To maximize positioning and velocity performance,
AMG-LP gimbal mounts utilize Aerotech’s high torque
S-series brushless, slotless servomotors. These motors
have all of the advantages of a brushless direct-drive
motor — no brushes to wear, no gear trains to maintain,
high acceleration, and high speeds. Since it is a slotless,
ironless design, there is zero cogging, meaning there is
absolutely no torque ripple. This results in smoother motion
throughout travel and more precise positioning. These
motors are available in different winding configurations to
work with high- or low-voltage power supplies.
AMG LP Series DESCRIPTION
Basic Model
AMG100LP
AMG150LP
AMG200LP
Travel
360° Continuous, AZ/EL
Maximum Bus Voltage
340 VDC
Maximum Torque (Continuous)
Azimuth
2.36 N-m
2.36 N-m
5.99 N-m
Elevation
0.48 N-m
0.48 N-m
2.36 N-m
Clear Aperture Diameter
95 mm
144.3 mm
193.8 mm
Accuracy(1)
±24 to ±192 µrad (±5 to ±40 arc sec)
AZ Repeatability(2)
19.4 µrad (4 arc sec)
EL Repeatability(2)
14.5 µrad (3 arc sec)
19.4 µrad (4 arc sec)
Maximum Rotary Speed(3)
100 rpm
Maximum Load Capability
6.8 kg
16 kg
Axis Wobble
97 µrad (20 arc sec)
Orthogonality
72 µrad (15 arc sec)
Standard Finish
Black Anodize with Hard-Coated Cell
Max Component Diameter
103 mm
153.7 mm
205 mm
Nominal Component Thickness
19 mm
30 mm
40.9 mm
Mass (Without Mirror)
9.5 kg
11.1 kg
21.5 kg
Inertia AZ(4)
0.046 kg•m2
0.088 kg•m2
0.275 kg•m2
Inertia EL(4)
0.001 kg•m2
0.004 kg•m2
0.014 kg•m2
Height to Mirror Centerline
181 mm
220 mm
254 mm
Notes:
1. ±24 µrad calibrated (HALAR); ±192 µrad uncalibrated.
2. Repeatability and accuracy are dependent on encoder resolution. To achieve the listed specifications, encoder resolution must be 0.36 arc sec or less.
3. Maximum speed based on stage capability; maximum application velocity may be limited by system data rate and system resolution.
4. Unloaded inertia.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com