Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMG150LP Datasheet (PDF) - AEROTECH US. ALL RIGHTS RESERVED.

AMG150LP Datasheet PDF - AEROTECH US. ALL RIGHTS RESERVED.
Part # AMG150LP
Download  AMG150LP Download
File Size   401.97 Kbytes
Page   6 Pages
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.
Description Low-Profile Direct-Drive Gimbals

AMG150LP Datasheet (PDF)

Go To PDF Page Download Datasheet
AMG150LP Datasheet PDF - AEROTECH US. ALL RIGHTS RESERVED.

Part # AMG150LP
Download  AMG150LP Click to download

File Size   401.97 Kbytes
Page   6 Pages
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.
Description Low-Profile Direct-Drive Gimbals

AMG150LP Datasheet (HTML) - AEROTECH US. ALL RIGHTS RESERVED.


AMG150LP Product details

Continuous 360° rotation of azimuth and
elevation including built-in slip ring
High accuracy angular position and rate
capability
Direct-drive brushless servomotors result in
zero backlash
Cog-free design for outstanding velocity
stability
Accommodate loads up to 200 mm in diameter
Low maintenance and high reliability provide
the lowest cost of ownership




Similar Part No. - AMG150LP

ManufacturerPart #DatasheetDescription
logo
AEROTECH US. ALL RIGHTS...
AMG AEROTECH-AMG Datasheet
1Mb / 8P
Direct-Drive Gimbals
logo
alpha microelectronics ...
AMG-DF102 ALPHA-MICRO-AMG-DF102 Datasheet
566Kb / 12P
Full Bridge MOSFET/IGBT Driver up to 600V
AMG-LI080 ALPHA-MICRO-AMG-LI080 Datasheet
428Kb / 24P
Timer/Dimmer with Gate Driver, Zero Detection & Protection
AMG-LL75X ALPHA-MICRO-AMG-LL75X Datasheet
913Kb / 12P
High Efficiency Step Down LED Driver for High Brightness LED and OLED
AMG-LL7AXX ALPHA-MICRO-AMG-LL7AXX Datasheet
667Kb / 14P
Family of HV LED Driver Modules
More results


Similar Description - AMG150LP

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1191 OKI-MSC1191 Datasheet
481Kb / 9P
DIRECT DRIVE SPEAKER AMPLIFIER
logo
SONiX Technology Compan...
SNC203 SONIX-SNC203 Datasheet
340Kb / 11P
Direct Drive Speech Controller
SNC204 SONIX-SNC204 Datasheet
340Kb / 11P
Direct Drive Speech Controller
SNC205 SONIX-SNC205 Datasheet
340Kb / 11P
Direct Drive Speech Controller
SNC206 SONIX-SNC206 Datasheet
340Kb / 11P
Direct Drive Speech Controller
logo
Estek Electronics Co. L...
ICL7116 ESTEK-ICL7116 Datasheet
245Kb / 4P
Direct Display Drive
logo
SONiX Technology Compan...
SNC202S SONIX-SNC202S Datasheet
97Kb / 11P
Direct Drive Speech Controller
SNC204S SONIX-SNC204S Datasheet
101Kb / 11P
Direct Drive Speech Controller
SNC205S SONIX-SNC205S Datasheet
101Kb / 11P
Direct Drive Speech Controller
logo
Kersemi Electronic Co.,...
KSM12N20L KERSEMI-KSM12N20L Datasheet
1Mb / 7P
Low level gate drive requirement allowing direct
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com