Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SG2003 Datasheet(PDF) 4 Page - SG Micro Corp

Part # SG2003
Description  400mA, Low Power, Low Noise, Low Dropout, Linear Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SG2003 Datasheet(HTML) 4 Page - SG Micro Corp

  SG2003 Datasheet HTML 1Page - SG Micro Corp SG2003 Datasheet HTML 2Page - SG Micro Corp SG2003 Datasheet HTML 3Page - SG Micro Corp SG2003 Datasheet HTML 4Page - SG Micro Corp SG2003 Datasheet HTML 5Page - SG Micro Corp SG2003 Datasheet HTML 6Page - SG Micro Corp SG2003 Datasheet HTML 7Page - SG Micro Corp SG2003 Datasheet HTML 8Page - SG Micro Corp SG2003 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SG2003/A
SG2004/A
TYPICAL OPERATION CIRCUIT
OUTPUT
INPUT
2.5V TO 5.5V
IN
OUT
EN
FB
GND
CIN
1
μF
COUT
1
μF
ON
OFF
SG2003A
SG2004A
R1
R2
OUTPUT
INPUT
2.5V TO 5.5V
IN
OUT
BP
GND
CIN
1
μF
CBP
0.01
μF
COUT
1
μF
ON
OFF
SG2003
SG2004
EN
Adjustable Voltage Version
Fixed Voltage Version
Standard 1% Resistor Values for Common
Output Voltages of Adjustable Voltage Version
VOUT(V)
R1(k
Ω)
R2(k
Ω)
1.5
13
61.9
1.8
28
61.9
2.5
63.4
61.9
2.8
78.7
61.9
2.85
80.6
61.9
3.0
88.7
61.9
3.3
95.3
57.6
Note: VOUT = (R1 + R2)/ R2 × 1.2395
PIN DESCRIPTION
NAME
SOT23-5
PIN
SO-8
PIN
FUNCTION
IN
1
2
Regulator Input. Supply voltage can range from 2.5V to 5.5V. Bypass with a 1µF capacitor to GND.
GND
2
5,6,7,8
Ground.
EN
3
1
Shutdown Input. A logic low reduces the supply current to 10nA. Connect to IN for normal
operation.
BP
4
4
Reference-Noise Bypass(fixed voltage version only). Bypass with a low-leakage 0.01µF ceramic
capacitor for reduced noise at the output.
FB
4
4
Adjustable voltage version only—this is used to set the output voltage of the device.
OUT
5
3
Regulator Output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com