Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SG2003 Datasheet(PDF) 7 Page - SG Micro Corp

Part # SG2003
Description  400mA, Low Power, Low Noise, Low Dropout, Linear Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SG2003 Datasheet(HTML) 7 Page - SG Micro Corp

Back Button SG2003 Datasheet HTML 3Page - SG Micro Corp SG2003 Datasheet HTML 4Page - SG Micro Corp SG2003 Datasheet HTML 5Page - SG Micro Corp SG2003 Datasheet HTML 6Page - SG Micro Corp SG2003 Datasheet HTML 7Page - SG Micro Corp SG2003 Datasheet HTML 8Page - SG Micro Corp SG2003 Datasheet HTML 9Page - SG Micro Corp SG2003 Datasheet HTML 10Page - SG Micro Corp SG2003 Datasheet HTML 11Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SG2003/A
SG2004/A
7
TYPICAL OPERATING CHARACTERISTICS
VIN = VOUT(NOMINAL) +1V, CIN = 1µF, COUT = 1µF, CBP = 0.01µF, TA = +25℃, unless otherwise noted.
Output Noise Spectral Density
vs.Frequency
0.01
0.1
1
10
0.01
0.1
1
10
100
1000
Frequency(kHz)
COUT = 10
μF
CBP = 0.01
μF
ILOAD = 10mA
COUT = 1
μF
Output Noise vs.BP Capacitance
0
10
20
30
40
50
60
70
80
0.001
0.01
0.1
BP Capacitance(µF)
VOUT = 2.5V
VOUT = 3.0V
f = 10Hz to 100kHz
COUT = 10
μF
ILOAD = 10mA
Output Noise vs.Load Current
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
Load Current(mA)
VOUT = 2.5V
VOUT = 3.0V
f = 10Hz to 100kHz
CBP = 0.01
μF
COUT = 10
μF
Power-Supply Rejection Ratio
vs.Frequency
0
10
20
30
40
50
60
70
80
0.01
0.1
1
10
100
1000
Frequency(kHz)
COUT = 10
μF
CBP = 0.1
μF
ILOAD = 50mA
COUT = 1
μF
Region of Stable COUT ESR vs.Load Current
0.01
0.1
1
10
100
0
100
200
300
400
Load Current(mA)
COUT = 1μF
COUT = 10μF
Stable Region
0.02
Time(200
μs/div)
Output Noise 10Hz To 100KHz
VOUT = 3.3V
COUT = 10
μF
ILOAD = 10mA
CBP = 0.1
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com