Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SG2003 Datasheet(PDF) 2 Page - SG Micro Corp

Part # SG2003
Description  400mA, Low Power, Low Noise, Low Dropout, Linear Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SG2003 Datasheet(HTML) 2 Page - SG Micro Corp

  SG2003 Datasheet HTML 1Page - SG Micro Corp SG2003 Datasheet HTML 2Page - SG Micro Corp SG2003 Datasheet HTML 3Page - SG Micro Corp SG2003 Datasheet HTML 4Page - SG Micro Corp SG2003 Datasheet HTML 5Page - SG Micro Corp SG2003 Datasheet HTML 6Page - SG Micro Corp SG2003 Datasheet HTML 7Page - SG Micro Corp SG2003 Datasheet HTML 8Page - SG Micro Corp SG2003 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SG2003/A
SG2004/A
2
ORDERING INFORMATION
MODEL
VOUT(V)
PIN-
PACKAGE
SPECIFIED
TEMPERATURE
RANGE
ORDERING
NUMBER
PACKAGE
MARKING
PACKAGE
OPTION
SG2003-2.5
2.5V
- 40°C to +125°C
SG2003-2.5XN5/TR
X325
Tape and Reel, 3000
SG2003-2.8
2.8V
- 40°C to +125°C
SG2003-2.8XN5/TR
X328
Tape and Reel, 3000
SG2003-2.85
2.85V
- 40°C to +125°C
SG2003-2.85XN5/TR
X32J
Tape and Reel, 3000
SG2003-3.0
3.0V
- 40°C to +125°C
SG2003-3.0XN5/TR
X330
Tape and Reel, 3000
SG2003-3.3
3.3V
- 40°C to +125°C
SG2003-3.3XN5/TR
X333
Tape and Reel, 3000
SG2003A
adjustable
SOT23-5
- 40°C to +125°C
SG2003-XN5/TR
X3AA
Tape and Reel, 3000
SG2004-2.5
2.5V
- 40°C to +125°C
SG2004-2.5XS/TR
SG2004-2.5XS
Tape and Reel, 2500
SG2004-2.8
2.8V
- 40°C to +125°C
SG2004-2.8XS/TR
SG2004-2.8XS
Tape and Reel, 2500
SG2004-2.85
2.85V
- 40°C to +125°C
SG2004-2.85XS/TR
SG2004-2.85XS
Tape and Reel, 2500
SG2004-3.0
3.0V
- 40°C to +125°C
SG2004-3.0XS/TR
SG2004-3.0XS
Tape and Reel, 2500
SG2004-3.3
3.3V
- 40°C to +125°C
SG2004-3.3XS/TR
SG2004-3.3XS
Tape and Reel, 2500
SG2004A
adjustable
SO-8
- 40°C to +125°C
SG2004-XS/TR
SG2004-XS
Tape and Reel, 2500
ABSOLUTE MAXIMUM RATINGS
IN to GND.........................................................- 0.3V to +6V
Output Short-Circuit Duration.................................Infinite
EN to GND........................................................- 0.3V to +6V
OUT, BP/FB to GND...........................- 0.3V to (VIN + 0.3V)
Power Dissipation, PD @ TA = 25℃
SOT23-5 .....................................................................................0.4W
SO-8 ........................................................................................0.625W
Package Thermal Resistance
SOT23-5, θJA....................................................................... 250℃/W
SO-8, θJA....................................................................160°C/W
Operating Temperature Range.................- 40°C to +125°C
Junction Temperature................................................+150°C
Storage Temperature.................................- 65°C to +150°C
Lead Temperature (soldering, 10s).......................................260°C
ESD Susceptibility
HBM..........................................................................................7000V
MM..............................................................................................400V
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com