Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT6308 Datasheet(PDF) 3 Page - Active-Semi, Inc

Part # ACT6308
Description  Low Input High Efficiency Synchronous Step-Up DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT6308 Datasheet(HTML) 3 Page - Active-Semi, Inc

  ACT6308 Datasheet HTML 1Page - Active-Semi, Inc ACT6308 Datasheet HTML 2Page - Active-Semi, Inc ACT6308 Datasheet HTML 3Page - Active-Semi, Inc ACT6308 Datasheet HTML 4Page - Active-Semi, Inc ACT6308 Datasheet HTML 5Page - Active-Semi, Inc ACT6308 Datasheet HTML 6Page - Active-Semi, Inc ACT6308 Datasheet HTML 7Page - Active-Semi, Inc ACT6308 Datasheet HTML 8Page - Active-Semi, Inc ACT6308 Datasheet HTML 9Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ACT6308
Rev PrB, 20-Feb-08
Innovative Products. Active Solutions.
- 3 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ABSOLUTE MAXIMUM RATINGS
: Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating conditions for long periods may
affect device reliability.
ELECTRICAL CHARACTERISTICS
(VIN = 1.5V, VOUT = 3.3V, TA = 25°C, unless otherwise specified.)
PARAMETER
VALUE
UNIT
OUT, EN to G
-0.3 to 6
V
FB, LX to G
-0.3 to VOUT + 0.3
V
Continuous LX Current
Internally Limited
A
Maximum Power Dissipation (derate 5mV/°C above TA = 50°C)
0.53
W
Junction to Ambient Thermal Resistance (θJA)
190
°C/W
Operating Junction Temperature
-40 to 150
°C
Storage Temperature
-55 to 150
°C
Lead Temperature (Soldering, 10 sec)
300
°C
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Minimum Operating Input Voltage
VIN
0.6
V
Startup Voltage
VIN
ILOAD = 1mA
1
1.18
V
Output Voltage
VOUT
FB = OUT; 60mVPP Ripple
3.2
3.3
3.4
FB = G; 40mVPP Ripple
4.85
5
5.15
Output Voltage Range
External Feedback Divider
2
5
V
Quiescent Current at OUT
IQ
VFB = 1.3V
17
34
µA
Shutdown Supply Current
ISD
EN = G
0.1
1
µA
Startup to Normal Transition Threshold
1.85
V
FB Feedback Voltage
VFB
VOUT = 2V to 5V
1.15
1.180
1.21
V
FB Input Current
FB = 1.3V
50
nA
Power Switch Current Limit
ILIM
0.35
0.4
0.6
A
Power Switch On Resistance
RONN
ILX = 100mA
0.19
0.4
Ω
Synchronous Rectifier On Resistance
RONP
ILX = -100mA
0.21
0.4
Ω
LX Leakage Current
EN = G, VLX = 0 or 3.3V
0.1
1
µA
Maximum Switch On-Time
tONMAX
1.2
1.5
1.8
µs
Minimum Switch Off-Time
tOFFMIN
0.24
0.3
0.36
µs
EN Logic Low Threshold
VIL
0.4
V
EN Logic High Threshold
VIH
0.6
V
EN Input Current
1
µA
V
Maximum Operating Input Voltage
VIN
5
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com