Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT6308 Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT6308
Description  Low Input High Efficiency Synchronous Step-Up DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT6308 Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT6308 Datasheet HTML 1Page - Active-Semi, Inc ACT6308 Datasheet HTML 2Page - Active-Semi, Inc ACT6308 Datasheet HTML 3Page - Active-Semi, Inc ACT6308 Datasheet HTML 4Page - Active-Semi, Inc ACT6308 Datasheet HTML 5Page - Active-Semi, Inc ACT6308 Datasheet HTML 6Page - Active-Semi, Inc ACT6308 Datasheet HTML 7Page - Active-Semi, Inc ACT6308 Datasheet HTML 8Page - Active-Semi, Inc ACT6308 Datasheet HTML 9Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ACT6308
Rev PrB, 20-Feb-08
Innovative Products. Active Solutions.
- 4 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
Efficiency vs. Output Current
Output Current (mA)
0.60
1.00
0.1
1.0
10
1000
0.50
VIN = 1.2V
100
0.70
0.80
0.90
VIN = 2.4V
VIN = 3.7V
TYPICAL PERFORMANCE CHARACTERISTICS
(Typical Application Circuit, L = 2.2µH, C1 = 2.2µF ceramic, C2 = 4.7µF ceramic, unless otherwise specified.)
Efficiency vs. Output Current
Output Current (mA)
0.1
1.0
10
100
1000
60
70
80
90
100
50
VIN = 1.5V
VIN = 1.8V
VIN = 2.4V
Startup Voltage vs. Constant Current Load
Constant Current Load (mA)
0
100
200
1.00
1.50
2.00
0.50
40
Startup Voltage vs. Constant Resistance Load
1.00
1.50
2.00
0.50
20
1.75
1.25
0.75
1.75
1.25
0.75
VOUT = 3.3V
60
80
Current Load at 3.3V (mA)
0
100
200
40
20
60
80
VOUT = 3.3V
VOUT = 5V
FB = GND
VOUT = 3.3V
FB = GND



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com