Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT6308 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT6308
Description  Low Input High Efficiency Synchronous Step-Up DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT6308 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT6308 Datasheet HTML 1Page - Active-Semi, Inc ACT6308 Datasheet HTML 2Page - Active-Semi, Inc ACT6308 Datasheet HTML 3Page - Active-Semi, Inc ACT6308 Datasheet HTML 4Page - Active-Semi, Inc ACT6308 Datasheet HTML 5Page - Active-Semi, Inc ACT6308 Datasheet HTML 6Page - Active-Semi, Inc ACT6308 Datasheet HTML 7Page - Active-Semi, Inc ACT6308 Datasheet HTML 8Page - Active-Semi, Inc ACT6308 Datasheet HTML 9Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Innovative Products. Active Solutions.
- 1 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
VIN = 1.5V
VIN = 1.8V
VIN = 2.4V
Rev PrB, 20-Feb-08
Preliminary Product Information―All Information Subject to Change
TYPICAL APPLICATION CIRCUIT
ACT6308
Low Input High Efficiency
Synchronous Step-Up DC/DC Converter
FEATURES
• 1V Typical Startup Voltage
• Up to 89% Efficiency
• Fully Integrated Power Stage
• Fixed 3.3V/5V or Adjustable Output Voltage
• NanoStandbyTM Shutdown Mode
• Tiny SOT23-5 Package
− RoHS Compliant Package
APPLICATIONS
• Hand-Held Devices
• One to Three Cell Battery Operated Devices
• PDAs
• Cellular Phones
• Digital Cameras
• GPS
GENERAL DESCRIPTION
The ACT6308 is a high efficiency synchronous
step-up DC/DC converter that consumes just 17µA
of quiescent supply current using only three exter-
nal components. This device achieves a typical
startup voltage of just 1V, making it ideal for appli-
cations operating from 1 or 2 alkaline cells.
This device incorporates an internal synchronous
rectifier, and achieves excellent peak efficiency of
up to 89% and features a proprietary control
scheme that ensures high efficiency over a wide
load current range.
The ACT6308 features pin-selectable output volt-
ages of 3.3V or 5V, or it can also be set externally
to any voltage between 2V and 5V. The ACT6308 is
available in a tiny SOT23-5 package.
ACT6308
C2
4.7µF
VOUT
VIN
ENABLE
C1
2.2µF
L 2.2µH
LX
EN
OUT
FB
G
3.3V
Pb-free
Efficiency vs. Output Current
Output Current (mA)
0.60
1.00
0.1
1.0
10
1000
0.50
100
0.70
0.80
0.90
VOUT = 3.3V
FB = GND


Similar Part No. - ACT6308

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACT6305 ETC2-ACT6305 Datasheet
391Kb / 9P
Low Input High Efficiency Synchronous Step-Up DC-DC Converter
logo
Active-Semi, Inc
ACT6305 ACTIVE-SEMI-ACT6305 Datasheet
432Kb / 9P
Low Input High Efficiency Synchronous Step-Up DC/DC Converter
Rev0, 13-May-08
ACT6305 ACTIVE-SEMI-ACT6305 Datasheet
432Kb / 9P
Low Input High Efficiency Synchronous Step-Up DC/DC Converter
Rev 2, 22-Feb-11
ACT6305 ACTIVE-SEMI-ACT6305 Datasheet
390Kb / 9P
Low Input High Efficiency Synchronous Step-Up DC/DC Converter
Rev 3, 15-Nov-12
ACT6305 ACTIVE-SEMI-ACT6305 Datasheet
389Kb / 10P
Low Input High Efficiency Synchronous Step-Up DC/DC Converter
Rev 3, 15-Nov-12
More results

Similar Description - ACT6308

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
AIC1610 AIC-AIC1610 Datasheet
651Kb / 16P
HIGH EFFICIENCY SYNCHRONOUS STEP-UP DC/DC CONVERTER
logo
List of Unclassifed Man...
ACT6305 ETC2-ACT6305 Datasheet
391Kb / 9P
Low Input High Efficiency Synchronous Step-Up DC-DC Converter
logo
Active-Semi, Inc
ACT6305 ACTIVE-SEMI-ACT6305 Datasheet
432Kb / 9P
Low Input High Efficiency Synchronous Step-Up DC/DC Converter
Rev0, 13-May-08
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
High Efficiency Synchronous Step-Up DC/DC Converter
February 3, 2010
logo
Silicon Standard Corp.
SS6610G SSC-SS6610G Datasheet
1Mb / 16P
High-efficiency Synchronous Step-up DC/DC Converter
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
Active-Semi, Inc
ACT6305 ACTIVE-SEMI-ACT6305_11 Datasheet
432Kb / 9P
Low Input High Efficiency Synchronous Step-Up DC/DC Converter
Rev 2, 22-Feb-11
ACT6305 ACTIVE-SEMI-ACT6305_12 Datasheet
390Kb / 9P
Low Input High Efficiency Synchronous Step-Up DC/DC Converter
Rev 3, 15-Nov-12
ACT6305 ACTIVE-SEMI-ACT6305_14 Datasheet
389Kb / 10P
Low Input High Efficiency Synchronous Step-Up DC/DC Converter
Rev 3, 15-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com