Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2167-1RMZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # SSM2167-1RMZ-R2
Description  Low Voltage Microphone Preamplifier with Variable Compression and Noige Gating
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2167-1RMZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  SSM2167-1RMZ-R2 Datasheet HTML 1Page - Analog Devices SSM2167-1RMZ-R2 Datasheet HTML 2Page - Analog Devices SSM2167-1RMZ-R2 Datasheet HTML 3Page - Analog Devices SSM2167-1RMZ-R2 Datasheet HTML 4Page - Analog Devices SSM2167-1RMZ-R2 Datasheet HTML 5Page - Analog Devices SSM2167-1RMZ-R2 Datasheet HTML 6Page - Analog Devices SSM2167-1RMZ-R2 Datasheet HTML 7Page - Analog Devices SSM2167-1RMZ-R2 Datasheet HTML 8Page - Analog Devices SSM2167-1RMZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SSM2167
Rev. C | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage
6 V
Input Voltage
6 V
Operating Temperature Range
−40°C to +85°C
Junction Temperature
150°C
Lead Temperature (Soldering, 10 sec)
300°C
883 (Human Body) Model
500 V
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for worst-case conditions, that is, θJA is specified
for device soldered in 4-layer circuit board for surface-mount
packages.
Table 3.
Package Type
θJA
θJC
Unit
10-Lead MSOP (RM)
180
35
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com