Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2167-1RMZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2167-1RMZ-R2
Description  Low Voltage Microphone Preamplifier with Variable Compression and Noige Gating
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2167-1RMZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  SSM2167-1RMZ-R2 Datasheet HTML 1Page - Analog Devices SSM2167-1RMZ-R2 Datasheet HTML 2Page - Analog Devices SSM2167-1RMZ-R2 Datasheet HTML 3Page - Analog Devices SSM2167-1RMZ-R2 Datasheet HTML 4Page - Analog Devices SSM2167-1RMZ-R2 Datasheet HTML 5Page - Analog Devices SSM2167-1RMZ-R2 Datasheet HTML 6Page - Analog Devices SSM2167-1RMZ-R2 Datasheet HTML 7Page - Analog Devices SSM2167-1RMZ-R2 Datasheet HTML 8Page - Analog Devices SSM2167-1RMZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Low Voltage Microphone Preamplifier with
Variable Compression and Noise Gating
SSM2167
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2001–2007 Analog Devices, Inc. All rights reserved.
FEATURES
Complete microphone conditioner in a 10-lead package
Single 3 V operation
Low shutdown current < 2 μA
Adjustable noise gate threshold
Adjustable compression ratio
Automatic limiting feature prevents ADC overload
Low noise and distortion: 0.2% THD + N
20 kHz bandwidth
APPLICATIONS
Desktop, portable, or palmtop computers
Telephone conferencing
Communication headsets
Two-way communications
Surveillance systems
Karaoke and DJ mixers
GENERAL DESCRIPTION
The SSM2167 is a complete and flexible solution for conditioning
microphone inputs in personal electronics and computer audio
systems. It is also excellent for improving vocal clarity in com-
munications and public address systems. A low noise voltage
controlled amplifier (VCA) provides a gain that is dynamically
adjusted by a control loop to maintain a set compression charac-
teristic. The compression ratio is set by a single resistor and can
be varied from 1:1 to over 10:1 relative to the fixed rotation
point. Signals above the rotation point are limited to prevent
overload and to eliminate popping. A downward expander (noise
gate) prevents amplification of background noise or hum. This
results in optimized signal levels prior to digitization, thereby
eliminating the need for additional gain or attenuation in the
digital domain. The flexibility of setting the compression ratio
and the time constant of the level detector, coupled with two
values of rotation point, make the SSM2167 easy to integrate in
a wide variety of microphone conditioning applications.
The device is available in a 10-lead MSOP package, and is
guaranteed for operation over the extended industrial
temperature range of −40°C to +85°C.
PIN CONFIGURATION
GND
1
VCAIN 2
SHUTDOWN
3
BUFOUT 4
INPUT
5
VDD
10
OUTPUT
9
COMPRESSION RATIO
8
GATE THRS
7
AVG CAP
6
SSM2167
TOP VIEW
(Not to Scale)
Figure 1. 10-Lead MSOP (RM Suffix)
LIMITING
REGION
LIMITING
THRESHOLD
(ROTATION POINT)
COMPRESSION
REGION
1
r
1
1
DOWNWARD
EXPANSION
THRESHOLD
(NOISE GATE)
DOWNWARD
EXPANSION
REGION
VCA GAIN
VDE
VRP
INPUT (dB)
Figure 2. General Input/Output Characteristics


Similar Part No. - SSM2167-1RMZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2167-1RMZ-R7 AD-SSM2167-1RMZ-R7 Datasheet
216Kb / 12P
Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
Rev. G
SSM2167-1RMZ-R7 AD-SSM2167-1RMZ-R7 Datasheet
216Kb / 12P
Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
Rev. G
SSM2167-1RMZ-REEL AD-SSM2167-1RMZ-REEL Datasheet
216Kb / 12P
Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
Rev. G
SSM2167-1RMZ-REEL AD-SSM2167-1RMZ-REEL Datasheet
216Kb / 12P
Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
Rev. G
More results

Similar Description - SSM2167-1RMZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2165 AD-SSM2165 Datasheet
163Kb / 10P
Microphone Preamplifier with Variable Compression and Noise Gating
REV.A
SSM2166 AD-SSM2166 Datasheet
214Kb / 15P
Microphone Preamplifier with Variable Compression and Noise Gating
REV.A
SSM2167 AD-SSM2167 Datasheet
121Kb / 8P
Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
SSM-2015 AD-SSM-2015 Datasheet
264Kb / 5P
LOW NOISE MICROPHONE PREAMPLIFIER
SSM2166 AD-SSM2166_03 Datasheet
459Kb / 16P
Microphone Preamplifier with Variable Compression and Noise Gating
REV. B
SSM2166 AD-SSM2166_08 Datasheet
549Kb / 20P
Microphone Preamplifier with Variable Compression and Noise Gating
REV. D
SSM2167-1RMZ-R7 AD-SSM2167-1RMZ-R7 Datasheet
216Kb / 12P
Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
Rev. G
SSM2167-1RMZ-R7 AD-SSM2167-1RMZ-R7 Datasheet
216Kb / 12P
Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
Rev. G
SSM2165 AD-SSM2165_15 Datasheet
338Kb / 12P
Microphone Preamplifier with Variable Compression and Noise Gating
REV. B
SSM2166 AD-SSM2166_15 Datasheet
605Kb / 20P
Microphone Preamplifier with Variable Compression and Noise Gating
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com