Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2167-1RMZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # SSM2167-1RMZ-R2
Description  Low Voltage Microphone Preamplifier with Variable Compression and Noige Gating
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2167-1RMZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button SSM2167-1RMZ-R2 Datasheet HTML 4Page - Analog Devices SSM2167-1RMZ-R2 Datasheet HTML 5Page - Analog Devices SSM2167-1RMZ-R2 Datasheet HTML 6Page - Analog Devices SSM2167-1RMZ-R2 Datasheet HTML 7Page - Analog Devices SSM2167-1RMZ-R2 Datasheet HTML 8Page - Analog Devices SSM2167-1RMZ-R2 Datasheet HTML 9Page - Analog Devices SSM2167-1RMZ-R2 Datasheet HTML 10Page - Analog Devices SSM2167-1RMZ-R2 Datasheet HTML 11Page - Analog Devices SSM2167-1RMZ-R2 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SSM2167
Rev. C | Page 8 of 12
APPLICATIONS INFORMATION
The SSM2167 is a complete microphone signal conditioning
system on a single integrated circuit. Designed primarily for
voice-band applications, this integrated circuit provides ampli-
fication, limiting, variable compression, and noise gate. User
adjustable compression ratio, noise gate threshold, and two
different fixed gains optimize circuit operation for a variety of
applications. The SSM2167 also features a low power shutdown
mode for battery-powered applications.
10
1
2
4
3
9
7
8
5
6
+
SSM2167
10µF
GND
VDD
VDD
VDD
500kΩ
SHUTDOWN
INPUT
0.1µF
10µF
+
10µF
GND
RCOMP
RGATE
100kΩ
OUTPUT
10µF
Figure 16. Typical Application Circuit
VCA
+1
CONTROL
C1
0.1µF
C2
10µF
1kΩ
1kΩ
OUTPUT
NOISE GATE AND
COMPRESSION
SETTINGS
LEVEL
DETECTOR
BUFFER
INPUT
GND
+
CAVG
C3
10µF
SHUTDOWN
RC
RG
VDD
VDD
BUFOUT
VCAIN
Figure 17. Functional Block Diagram
THEORY OF OPERATION
The typical transfer characteristic for the SSM2167 is shown in
Figure 2 where the output level in dB is plotted as a function of
the input level in dB. The dotted line indicates the transfer char-
acteristic for a unity-gain amplifier. For input signals in the range
of VDE (downward expansion) to VRP (rotation point), an “r” dB
change in the input level causes a 1 dB change in the output level.
Here, r is defined as the compression ratio. The compression ratio
may be varied from 1:1 (no compression) to 10:1 via a single
resistor, RCOMP. Input signals above VRP are compressed with a
fixed compression ratio of approximately 10:1. This region of
operation is the limiting region. Varying the compression ratio has
no effect on the limiting region.
The breakpoint between the compression region and the limiting
region is referred to as the limiting threshold or the rotation point.
The term, rotation point, derives from the observation that the
straight line in the compression region rotates about this point on
the input/output characteristic as the compression ratio is changed.
The gain of the system with an input signal level of VRP is the fixed
gain, 18 dBV for the SSM2167, regardless of the compression ratio.
Input signals below VDE are downward expanded; that is, a −1 dB
change in the input signal level causes approximately a −3 dB
change in the output level. As a result, the gain of the system is
small for very small input signal levels, even though it may be
quite large for small input signals above VDE. The external resistor
at Pin 7, RGATE, is used to set the downward expansion
threshold (VDE).
Finally, the SSM2167 provides an active low, CMOS-compatible
digital power-down feature that reduces device supply current
to typically less than 2 μA.
SIGNAL PATH
Figure 17 illustrates the block diagram of the SSM2167. The
audio input signal is processed by the input buffer and then by
the VCA. The input buffer presents an input impedance of
approximately 100 kΩ to the source. A dc voltage of approximately
1.5 V is present at INPUT (Pin 5) of the SSM2167, requiring the
use of a blocking capacitor (C1) for ground-referenced sources.
A 0.1 μF capacitor is a good choice for most audio applications.
The input buffer is a unity-gain stable amplifier that can drive
the low impedance input of the VCA and an internal rms detector.
The VCA is a low distortion, variable gain amplifier whose gain
is set by the side-chain control circuitry. An external blocking
capacitor (C2) must be used between the buffer output and the
VCA input. The 1 kΩ impedance between amplifiers determines
the value of this capacitor, which is typically between 4.7 μF and
10 μF. An aluminum electrolytic capacitor is an economical choice.
The VCA amplifies the input signal current flowing through C2
and converts this current to a voltage at the output pin (Pin 9) of
the SSM2167. The net gain from input to output can be as high
as 40 dB, depending on the gain set by the control circuitry.
The output impedance of the SSM2167 is typically less than
145 Ω, and the external load on Pin 9 should be >5 kΩ. The
nominal output dc voltage of the device is approximately 1.4 V;
therefore, a blocking capacitor for grounded loads must be used.
The bandwidth of the SSM2167 is quite wide at all gain settings.
The upper 3 dB point is over 1 MHz at gains as high as 30 dB.
The GBW plots are shown in Figure 5. The lower 3 dB cutoff
frequency of the SSM2167 is set by the input impedance of the
VCA (1 kΩ) and C2. Whereas the noise of the input buffer is
fixed, the input-referred noise of the VCA is a function of gain.
The VCA input noise is designed to be at a minimum when the
gain is at a maximum, thereby maximizing the usable dynamic
range of the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com