Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2301CPZ Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2301CPZ
Description  Filterless High Efficiency Mono 1.4W Class-D Audio Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2301CPZ Datasheet(HTML) 1 Page - Analog Devices

  SSM2301CPZ Datasheet HTML 1Page - Analog Devices SSM2301CPZ Datasheet HTML 2Page - Analog Devices SSM2301CPZ Datasheet HTML 3Page - Analog Devices SSM2301CPZ Datasheet HTML 4Page - Analog Devices SSM2301CPZ Datasheet HTML 5Page - Analog Devices SSM2301CPZ Datasheet HTML 6Page - Analog Devices SSM2301CPZ Datasheet HTML 7Page - Analog Devices SSM2301CPZ Datasheet HTML 8Page - Analog Devices SSM2301CPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Filterless High Efficiency
Mono 1.4 W Class-D Audio Amplifier
SSM2301
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Filterless Class-D amplifier with Σ-Δ modulation
No sync necessary when using multiple Class-D amplifiers
from Analog Devices, Inc.
1.4 W into 8 Ω at 5.0 V supply with less than 1% THD + N
85% efficiency at 5.0 V, 1.4 W into 8 Ω speaker
Greater than 98 dB SNR (signal-to-noise ratio)
Single-supply operation from 2.5 V to 5.0 V
20 nA ultralow shutdown current
Short-circuit and thermal protection
Available in 8-lead, 3 mm × 3 mm LFCSP and MSOP packages
Pop-and-click suppression
Built-in resistors reduce board component count
Fixed and user-adjustable gain configurations
APPLICATIONS
Mobile phones
MP3 players
Portable gaming
Portable electronics
Educational toys
GENERAL DESCRIPTION
The SSM2301 is a fully integrated, high efficiency, Class-D audio
amplifier designed to maximize performance for mobile phone
applications. The application circuit requires a minimum of
external components and operates from a single 2.5 V to 5.0 V
supply. It is capable of delivering 1.4 W of continuous output
power with less than 1% THD + N driving an 8 Ω load from
a 5.0 V supply.
The SSM2301 features a high efficiency, low noise modulation
scheme that does not require external LC output filters. The modu-
lation provides high efficiency even at low output power.
The SSM2301 operates with 85% efficiency at 1.4 W into 8 Ω
from a 5.0 V supply and has a signal-to-noise ratio (SNR) that
is greater than 98 dB. Spread-spectrum modulation is used to
provide lower EMI-radiated emissions compared with other
Class-D architectures.
The SSM2301 has a micropower shutdown mode with a maximum
shutdown current of 30 nA. Shutdown is enabled by applying
a logic low to the SD pin.
The device also includes pop-and-click suppression circuitry.
This minimizes voltage glitches at the output during turn-on
and turn-off, thus reducing audible noise on activation and
deactivation.
The fully differential input of the SSM2301 provides excellent
rejection of common-mode noise on the input. Input coupling
capacitors can be omitted if the dc input common-mode voltage
is approximately VDD/2.
The SSM2301 also has excellent rejection of power supply noise,
including noise caused by GSM transmission bursts and RF
rectification. PSRR is typically 63 dB at 217 Hz.
The gain can be set to 6 dB or 12 dB by utilizing the gain control
select pin connected respectively to ground or to VDD. Gain
can also be adjusted externally by inserting a resistor in series
with each input pin.
The SSM2301 is specified over the commercial temperature range
(−40°C to +85°C). It has built-in thermal shutdown and output
short-circuit protection. It is available in both an 8-lead, 3 mm ×
3 mm lead-frame chip scale package (LFCSP) and an 8-lead
MSOP package.
FUNCTIONAL BLOCK DIAGRAM
SHUTDOWN
GAIN
CONTROL
FET
DRIVER
MODULATOR
0.1µF
VDD
GND
OSCILLATOR
POP/CLICK
SUPPRESSION
OUT+
OUT–
BIAS
IN+
VBATT
2.5V TO 5.0V
IN–
GAIN
10µF
0.01µF1
NOTES
1 INPUT CAPS ARE OPTIONAL IF INPUT DC COMMON-MODE
VOLTAGE IS APPROXIMATELY VDD/2.
0.01µF1
SD
AUDIO IN–
AUDIO IN+
SSM2301
Figure 1.


Similar Part No. - SSM2301CPZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SSM2301CPZ-R2 TI-SSM2301CPZ-R2 Datasheet
366Kb / 19P
Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
SSM2301CPZ-REEL TI-SSM2301CPZ-REEL Datasheet
366Kb / 19P
Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
SSM2301CPZ-REEL7 TI-SSM2301CPZ-REEL7 Datasheet
366Kb / 19P
Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
More results

Similar Description - SSM2301CPZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SSM2301 TI-SSM2301 Datasheet
366Kb / 19P
Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
logo
Analog Devices
SSM2311 AD-SSM2311 Datasheet
515Kb / 20P
Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
1/08-Revision 0
SSM2305 AD-SSM2305 Datasheet
455Kb / 16P
Filterless High Efficiency Mono 2.8 W Class-D Audio Amplifier
REV. 0
SSM2317 AD-SSM2317 Datasheet
764Kb / 20P
Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
REV. A
SSM2335 AD-SSM2335 Datasheet
583Kb / 16P
Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. 0
SSM2375 AD-SSM2375 Datasheet
1Mb / 13P
Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
Rev. PrC
SSM2315CBZ-REEL AD-SSM2315CBZ-REEL Datasheet
440Kb / 16P
Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. A
SSM2315CBZ-REEL AD-SSM2315CBZ-REEL Datasheet
440Kb / 16P
Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. A
SSM2301 AD-SSM2301_15 Datasheet
431Kb / 16P
Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
REV. A
SSM2305 AD-SSM2305_16 Datasheet
902Kb / 16P
Filterless, High Efficiency, Mono 2.8 W, Class-D Audio Amplifier
5/2016-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com