Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2301CPZ Datasheet(PDF) 13 Page - Analog Devices

Part # SSM2301CPZ
Description  Filterless High Efficiency Mono 1.4W Class-D Audio Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2301CPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button SSM2301CPZ Datasheet HTML 8Page - Analog Devices SSM2301CPZ Datasheet HTML 9Page - Analog Devices SSM2301CPZ Datasheet HTML 10Page - Analog Devices SSM2301CPZ Datasheet HTML 11Page - Analog Devices SSM2301CPZ Datasheet HTML 12Page - Analog Devices SSM2301CPZ Datasheet HTML 13Page - Analog Devices SSM2301CPZ Datasheet HTML 14Page - Analog Devices SSM2301CPZ Datasheet HTML 15Page - Analog Devices SSM2301CPZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
SSM2301
Rev. A | Page 13 of 16
PROPER POWER SUPPLY DECOUPLING
To ensure high efficiency, low total harmonic distortion (THD),
and high PSRR, proper power supply decoupling is necessary.
Noise transients on the power supply lines are short-duration
voltage spikes. Although the actual switching frequency can
range from 10 kHz to 100 kHz, these spikes can contain frequency
components that extend into the hundreds of megahertz.
The power supply input needs to be decoupled with a good
quality low ESL and low ESR capacitor, usually around 4.7 μF.
This capacitor bypasses low frequency noises to the ground
plane. For high frequency transients noises, use a 0.1 μF
capacitor placed as close as possible to the VDD pin of the
device. Placing the decoupling capacitor as close as possible
to the SSM2301 helps maintain efficient performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com