Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2301CPZ Datasheet(PDF) 11 Page - Analog Devices

Part # SSM2301CPZ
Description  Filterless High Efficiency Mono 1.4W Class-D Audio Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2301CPZ Datasheet(HTML) 11 Page - Analog Devices

Back Button SSM2301CPZ Datasheet HTML 7Page - Analog Devices SSM2301CPZ Datasheet HTML 8Page - Analog Devices SSM2301CPZ Datasheet HTML 9Page - Analog Devices SSM2301CPZ Datasheet HTML 10Page - Analog Devices SSM2301CPZ Datasheet HTML 11Page - Analog Devices SSM2301CPZ Datasheet HTML 12Page - Analog Devices SSM2301CPZ Datasheet HTML 13Page - Analog Devices SSM2301CPZ Datasheet HTML 14Page - Analog Devices SSM2301CPZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
SSM2301
Rev. A | Page 11 of 16
SHUTDOWN
GAIN
CONTROL
FET
DRIVER
MODULATOR
0.1µF
VDD
GND
OSCILLATOR
POP/CLICK
SUPPRESSION
OUT+
OUT–
BIAS
IN+
VBATT
2.4V TO 5.0V
IN–
GAIN
10µF
0.01µF
0.01µF
SD
AUDIO IN
SSM2301
VDD
EXTERNAL GAIN SETTINGS = 20 log[4/(1 + R/150kΩ)]
R
R
Figure 27. Single-Ended Input Configuration, User-Adjustable Gain
SHUTDOWN
GAIN
CONTROL
FET
DRIVER
MODULATOR
0.1µF
VDD
GND
OSCILLATOR
POP/CLICK
SUPPRESSION
OUT+
OUT–
BIAS
IN+
VBATT
2.4V TO 5.0V
IN–
GAIN
10µF
0.01µF1
NOTES
1 INPUT CAPACITORS ARE OPTIONAL IF INPUT DC COMMON-MODE
VOLTAGE IS APPROXIMATELY VDD/2.
0.01µF1
SD
AUDIO IN–
AUDIO IN+
SSM2301
EXTERNAL GAIN SETTINGS = 20 log[2/(1 + R/150kΩ)]
R
R
Figure 28. Differential Input Configuration, User-Adjustable Gain
SHUTDOWN
GAIN
CONTROL
FET
DRIVER
MODULATOR
0.1µF
VDD
GND
OSCILLATOR
POP/CLICK
SUPPRESSION
OUT+
OUT–
BIAS
IN+
VBATT
2.4V TO 5.0V
IN–
GAIN
10µF
0.01µF
0.01µF
SD
AUDIO IN
SSM2301
EXTERNAL GAIN SETTINGS = 20 log[2/(1 + R/150kΩ)]
R
R
Figure 29. Single-Ended Input Configuration, User-Adjustable Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com