Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7182 Datasheet(PDF) 42 Page - Analog Devices

Part # ADV7182
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADV7182 Datasheet HTML 38Page - Analog Devices ADV7182 Datasheet HTML 39Page - Analog Devices ADV7182 Datasheet HTML 40Page - Analog Devices ADV7182 Datasheet HTML 41Page - Analog Devices ADV7182 Datasheet HTML 42Page - Analog Devices ADV7182 Datasheet HTML 43Page - Analog Devices ADV7182 Datasheet HTML 44Page - Analog Devices ADV7182 Datasheet HTML 45Page - Analog Devices ADV7182 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 96 page
background image
ADV7182
Data Sheet
CTA[2:0], Chroma Timing Adjust, Address 0x27[5:3]
The chroma timing adjust register allows the user to specify a
timing difference between chroma and luma samples. This can
be used to compensate for external filter group delay differences
in the luma vs. chroma path and to allow a different number of
pipeline delays while processing the video downstream. Review
this functionality together with the LTA[1:0] bits.
The chroma can be delayed or advanced only in chroma pixel
steps. One chroma pixel step is equal to two luma pixels. The
programmable delay occurs after demodulation, where delay
cannot be made by luma pixel steps.
For manual programming, use the following defaults:
•
CVBS input CTA[2:0] = 011
•
Y/C input CTA[2:0] = 101
•
YPrPb input CTA[2:0] = 110
Table 71. CTA Function
CTA[2:0]
Description
000
Reserved
001
Chroma + two pixels (early)
010
Chroma + one pixel (early)
011 (default)
No delay
100
Chroma − one pixel (late)
101
Chroma − two pixels (late)
110
Chroma − three pixels (late)
111
Reserved
SYNCHRONIZATION OUTPUT SIGNALS
HSYNC Configuration
The following controls allow the user to configure the behavior
of the HSYNC output signal only:
•
Beginning of HSYNC signal via HSB[10:0]
•
End of HSYNC signal via HSE[10:0]
•
Polarity of HSYNC using PHS
The HSYNC signal can be output on the VS/FIELD/SFL pin or
the HS pin (see the Global Pin Control section.)
The HSYNC begin (HSB) and HSYNC end (HSE) registers allow
the user to freely position the HSYNC signal within the video
line. The values in HSB[10:0] and HSE[10:0] are measured in
pixel units from the falling edge of HSYNC. Using both values,
the user can program both the position and length of the HSYNC
output signal.
HSB[10:0], HSYNC Begin, Address 0x34[6:4],
Address 0x35[7:0]
The position of this edge is controlled by placing a binary
number into HSB[10:0]. The number applied offsets the edge
with respect to an internal counter that is reset to 0 immediately
after EAV Code FF, 00, 00, XY (see Figure 31). HSB is set to
00000000010b, which is two LLC clock cycles from count [0].
The default value of HSB[10:0] is 0x02, indicating that the
HSYNC pulse starts two pixels after the falling edge of HSYNC.
HSE[10:0], HSYNC End, Address 0x34[2:0], Address 0x36[7:0]
The position of this edge is controlled by placing a binary
number into HSE[10:0]. The number applied offsets the edge
with respect to an internal counter that is reset to 0 immediately
after EAV Code FF, 00, 00, XY (see Figure 31). HSE is set to
00000000000b, which is 0 LLC clock cycles from count [0].
The default value of HSE[10:0] is 00, indicating that the HSYNC
pulse ends 0 pixels after the falling edge of HSYNC.
For example,
•
To shift the HSYNC toward active video by 20 LLCs, add
20 LLCs to both HSB and HSE, that is, HSB[10:0] =
[00000010110], HSE[10:0] = [00000010100].
•
To shift the HSYNC away from active video by 20 LLCs,
add 1696 LLCs to both HSB and HSE (for NTSC), that is,
HSB[10:0] = [11010100010], HSE[10:0] = [11010100000].
Therefore, 1696 is derived from the NTSC total number of
pixels, 1716.
•
To move 20 LLCs away from active video, subtract 20 from
1716 and add the result in binary to both HSB[10:0] and
HSE[10:0].
PHS, HSYNC Polarity, Address 0x37[7]
The polarity of the HSYNC signal can be inverted using the
PHS bit.
When PHS is 0 (default), HSYNC is active low.
When PHS is 1, HSYNC is active high.
Table 72. HS Timing Parameters
Standard
Characteristic
HS Begin Adjust,
HSB[10:0] (Default)
HS End Adjust,
HSE[10:0] (Default)
HS to Active Video,
LLC Clock Cycles, C
in Figure 31 (Default)
Active Video Samples/
Line, D in Figure 31
Total LLC Clock
Cycles, E in Figure 31
NTSC
00000000010b
00000000000b
272
720Y + 720C = 1440
1716
PAL
00000000010b
00000000000b
284
720Y + 720C = 1440
1728
Figure 31. HSYNC Timing
E
ACTIVE
VIDEO
LLC
PIXEL
BUS
HS
Cr
Y
FF
00
00
XY
80
10
80
10
80
10
FF
00
00
XY
Cb
Y
Cr
Y
Cb
Y
Cr
4 LLC
D
HSB[10:0]
HSE[10:0]
C
E
D
SAV
ACTIVE VIDEO
H BLANK
EAV
| Page 42 of 96
Rev. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com