Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7182 Datasheet(PDF) 21 Page - Analog Devices

Part # ADV7182
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADV7182 Datasheet HTML 17Page - Analog Devices ADV7182 Datasheet HTML 18Page - Analog Devices ADV7182 Datasheet HTML 19Page - Analog Devices ADV7182 Datasheet HTML 20Page - Analog Devices ADV7182 Datasheet HTML 21Page - Analog Devices ADV7182 Datasheet HTML 22Page - Analog Devices ADV7182 Datasheet HTML 23Page - Analog Devices ADV7182 Datasheet HTML 24Page - Analog Devices ADV7182 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 96 page
background image
Data Sheet
ADV7182
ACE AND DITHER PROCESSING BLOCKS
•
ACE. This block offers improved visual detail by using an
algorithm to automatically vary the contrast levels to enhance
picture detail. See the Adaptive Contrast Enhancement
section.
•
Dither. When enabled, this block converts the digital output
of the ADV7182 from 8-bit pixel data down to 6-bit pixel
data. This function makes it easier for the ADV7182 to
communicate with some LCD panels. See the Dither
Function section.
SYNC PROCESSING
The ADV7182 extracts syncs embedded in the analog input
video signal. There is currently no support for external HS/VS
inputs. The sync extraction is optimized to support imperfect
video sources, such as VCRs with head switches. The actual
algorithm used employs a coarse detection based on a threshold
crossing, followed by a more detailed detection using an adaptive
interpolation algorithm. The raw sync information is sent to a
line length measurement and prediction block. The output of
this is then used to drive the digital resampling section to
ensure that the ADV7182 outputs 720 active pixels per line.
The sync processing on the ADV7182 also includes the following
specialized postprocessing blocks that filter and condition the
raw sync information retrieved from the digitized analog video:
•
VSync processor. This block provides extra filtering of the
detected VSyncs to improve vertical lock.
•
HSync processor. The HSync processor is designed to filter
incoming HSyncs that were corrupted by noise, providing
much improved performance for video signals with a stable
time base but poor SNR.
VBI DATA RECOVERY
The ADV7182 can retrieve the following information from the
input video:
•
Wide screen signaling (WSS)
•
Copy generation management system (CGMS)
•
Closed captioning (CCAP)
•
Macrovision protection presence
•
Teletext
The ADV7182 is also capable of automatically detecting the
incoming video standard with respect to the following:
•
Color subcarrier frequency
•
Field rate
•
Line rate
The ADV7182 can configure itself to support PAL B/PAL D/
PAL I/PAL G/PAL H, PAL M, PAL N, PAL Combination N,
NTSC M/NTSC J, SECAM 50 Hz/60 Hz, NTSC 4.43, and PAL 60.
GENERAL SETUP
Video Standard Selection
The VID_SEL[3:0] bits (Address 0x02[7:4]) allow the user to
force the digital core into a specific video standard. This is not
necessary under normal circumstances. The VID_SEL[3:0] bits
default to an autodetection mode that supports PAL, NTSC,
SECAM, and variants thereof.
Autodetection of SD Modes
To guide the autodetect system of the ADV7182, individual
enable bits are provided for each of the supported video standards.
Setting the relevant bit to 0 inhibits the standard from being
detected automatically. Instead, the system chooses the closest of
the remaining enabled standards. The results of the autodetection
block can be read back via the status registers (see the Global
Status Register section for more information).
VID_SEL[3:0], Address 0x02[7:4]
Table 21. VID_SEL Function
VID_SEL[3:0]
Description
0000 (default)
Autodetect PAL B/PAL G/PAL H/PAL I/PAL D,
NTSC J (no pedestal), SECAM
0001
Autodetect PAL B/PAL G/PAL H/PAL I/PAL D,
NTSC M (pedestal), SECAM
0010
Autodetect PAL N (pedestal), NTSC J
(no pedestal), SECAM
0011
Autodetect PAL N (pedestal), NTSC M
(pedestal), SECAM
0100
NTSC J
0101
NTSC M
0110
PAL 60
0111
NTSC 4.43
1000
PAL B/PAL G/PAL H/PAL I/PAL D
1001
PAL N = PAL B/PAL G/PAL H/PAL I/PAL D (with
pedestal)
1010
PAL M (without pedestal)
1011
PAL M
1100
PAL Combination N
1101
PAL Combination N (with pedestal)
1110
SECAM
1111
SECAM
AD_SEC525_EN, SECAM 525 Autodetect Enable,
Address 0x07[7]
Setting AD_SEC525_EN to 0 (default) disables the autodetection
of a 525-line system with a SECAM style, FM-modulated color
component.
Setting AD_SEC525_EN to 1 enables the detection of a SECAM
style, FM-modulated color component.
| Page 21 of 96
Rev. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com