Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7182 Datasheet(PDF) 13 Page - Analog Devices

Part # ADV7182
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADV7182 Datasheet HTML 9Page - Analog Devices ADV7182 Datasheet HTML 10Page - Analog Devices ADV7182 Datasheet HTML 11Page - Analog Devices ADV7182 Datasheet HTML 12Page - Analog Devices ADV7182 Datasheet HTML 13Page - Analog Devices ADV7182 Datasheet HTML 14Page - Analog Devices ADV7182 Datasheet HTML 15Page - Analog Devices ADV7182 Datasheet HTML 16Page - Analog Devices ADV7182 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 96 page
background image
Data Sheet
ADV7182
Rev. C | Page 13 of 96
INPUT NETWORKS
This section describes the input networks (external resistor and
capacitor circuits) that should be placed on the analog video
input (AIN) pins of the ADV7182. Different input networks are
required for different analog input video formats.
SINGLE-ENDED INPUT NETWORK
Use the input network described in Figure 6 on each AIN input
pin of the ADV7182 when any of the following video input
formats are used: single-ended CVBS, YC (S-Video), or YPrPb.
It is recommended that the input network circuit shown in
Figure 6 be placed as close as possible to the AIN pins of the
ADV7182.
Figure 6. Input Single-Ended Network
The 24 Ω and 51 Ω resistors supply the 75 Ω end termination
required for the analog video input. In addition, these resistors
create a resistor divider with a 0.68 gain that attenuates the
amplitude of the inputted analog video and scales the input to the
ADC range of the ADV7182. This allows the ADV7182 to have
an input range of up to 1.47 V p-p.
Note that amplifiers within the ADV7182 restore the amplitude
of the input signal so that signal-to-noise (SNR) performance is
maintained.
The 100 nF ac coupling capacitor removes the dc bias of the analog
input video before it is fed into the analog input pins of the
ADV7182.
The clamping circuitry within the ADV7182 restores the dc bias
of the input signal to the optimal level before it is fed into the
ADC of the ADV7182. See the Clamp Operation section for
more information.
DIFFERENTIAL INPUT NETWORK
Use the input network described in Figure 7 when differential
CVBS video is input on the AIN input pins of the ADV7182.
It is recommended that the input network circuit shown in
Figure 7 be placed as close as possible to the AIN pins of the
ADV7182.
Figure 7. Input Differential Network
Differential video transmission involves transmitting two
complementary CVBS signals. It has several key advantages
over single-ended transmission, some of which include the
following:
Inherent small signal and large signal noise rejection
Improved EMI performance
Ability to absorb ground bounce
Resistor R1 provides the RF end termination for the differential
CVBS input lines. For a pseudo differential CVBS input, a value
of 75 Ω is recommended for R1. For a fully differential CVBS
input, a value of 150 Ω is recommended for R1.
The 1.3 kΩ and 430 Ω resistors provide a resistor divider with a
0.25 gain. This results in an attenuation of the inputted analog
video but also an increase in the input common-mode range of
the ADV7182 of up to 4 V p-p.
Note that amplifiers within the ADV7182 restore the amplitude
of the input signal so that SNR performance is maintained.
The 100 nF ac coupling capacitor removes the dc bias of the
analog input video before it is fed into the analog video input
pins of the ADV7182.
The clamping circuitry within the ADV7182 restores the dc bias of
the optimized level before it is fed into the ADC of the ADV7182.
See the Clamp Operation section for further information.
The combination of the 1.3 kΩ and 430 Ω resistors and the 100 nF
ac coupling capacitor limits current flow into the ADV7182
during short-to-battery (STB) events. See Short-to-Battery
Protection section.
To achieve optimal performance, closely match the 1.3 kΩ and
430 Ω resistors; that is, all the 1.3 kΩ and 430 Ω resistors should
have the same resistance tolerance, and this tolerance should be
as low as possible.
SHORT-TO-BATTERY PROTECTION
In differential mode, the ADV7182 is protected against short-to-
battery (STB) events by the external 100 nF ac coupling capacitors
(see Figure 7). The external input network resistors are sized to
be large enough to reduce the current flow during a STB event,
but to be small enough not to effect the operation of the ADV7182.
Choose the power rating of the input network resistors to
withstand the high voltages of STB events. Similarly, choose the
breakdown voltage of the AC coupling capacitors to be robust
to STB events.
The R1 resistor is protected because no current or limited
current flows through it during an STB event.
51Ω
AIN3 OF ADV7182
INPUT
CONNECTOR
VIDEO INPUT
FROM UNIT
24Ω
100nF
EXT
ESD
AIN1
AIN2
POSITIVE INPUT
CONNECTOR
NEGATIVE INPUT
CONNECTOR
VIDEO INPUT
FROM SOURCE
EXT
ESD
R1
1.3kΩ
100nF
1.3kΩ
100nF
430Ω
430Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com