Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISB35083 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ISB35083
Description  HCMOS STRUCTURED ARRAY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISB35083 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ISB35083 Datasheet HTML 3Page - STMicroelectronics ISB35083 Datasheet HTML 4Page - STMicroelectronics ISB35083 Datasheet HTML 5Page - STMicroelectronics ISB35083 Datasheet HTML 6Page - STMicroelectronics ISB35083 Datasheet HTML 7Page - STMicroelectronics ISB35083 Datasheet HTML 8Page - STMicroelectronics ISB35083 Datasheet HTML 9Page - STMicroelectronics ISB35083 Datasheet HTML 10Page - STMicroelectronics ISB35083 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Temperature
°C
KT
-55
0.77
-40
0.83
25
1.00
70
1.13
85
1.17
125
1.27
VDD
KV
2.7
1.20
3.0
1.11
3.3
1.00
3.6
0.94
All pads except the sixteen corner pads can be
configured as power or I/O pads. The configured
power pads are known as placeable pads and have
an associated current handling capability. Their
placement is dependent on the types of output
buffers used in the design. For rules governing the
placement of pads, please contact your local SGS-
THOMSON design centre.
CORE LOGIC
The propagation delays shown in the ISB35000
data book are given for nominal processing, 3.3V
operation, and 25 C temperature conditions.
However there are additional factors that affect the
delay characteristics of the macrocells. These in-
clude loading due to fanout and interconnect rout-
ing, voltage supply, junction temperature of the
device, processing tolerance and input signal tran-
sition time. Prior to physical layout, the design
system can estimate the delays associated with any
critical path. The impact of the placement and rout-
ing can be accurately RC back annotated from the
layout for final simulations of critical timing. The
effects of junction temperature, (KT) and voltage
supply (KV) on the delay numbers are summarized
in Table 4. A third factor, is associated with process
Table 4. Temperature (Junction) and Voltage
Multipliers
variation. This multiplier has a minimum of 0.6 and
a maximum of 1.6.
MACROCELLS AND MACROFUNCTIONS
The ISB35000 series has internal macrocells that
are robust in variety and performance. The cell
selection has been driven by the need of Synthesis
and HDL based design techniques. This offering is
rich in buffers, complex combinatorial cells and
multi power drive cells, which allow the Synthesis
tool to create a netlist compatible with the require-
ments of Place and Route tools.
Macrofunctions are a series of soft-macros facilitat-
ing quick capture of large functional blocks and are
available for such functions as counters, shift reg-
ister and adders. Macrofunctions are implemented
at layout by utilizing macrocells and interconnecting
to create the logic function.
MODULE GENERATORS
A series of module generators are available to
support a range of megafunctions. These modules
enable the designer to choose individual parame-
ters in order to create a compiled cell, which meets
the specific application requirements.
Generators are available for megafunctions such
as single port RAM and dual port RAM. These are
constructed utilising the existing base array transis-
tors, and are also referred to as metallised
megafunctions.
EMBEDDED FUNCTIONS
In addition to the metallised functions described
above, embedded megafunction generators are
also available. These include single port RAM, dual
port RAM and ROM.
The compiled cell generators construct custom
cells, which are implemented using a special leaf
cell technique, ensuring predictable layout and ac-
curate module characteristics.
In choosing megafunctions the designer can con-
sider the trade-offs between speed and area to
generate a fully customized cell which meets their
specific device requirements.
These megafunction generators are comple-
mented by a group of embedded megacells.
ISB35000 SERIES
7/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com