Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISB35083 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ISB35083
Description  HCMOS STRUCTURED ARRAY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISB35083 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ISB35083 Datasheet HTML 6Page - STMicroelectronics ISB35083 Datasheet HTML 7Page - STMicroelectronics ISB35083 Datasheet HTML 8Page - STMicroelectronics ISB35083 Datasheet HTML 9Page - STMicroelectronics ISB35083 Datasheet HTML 10Page - STMicroelectronics ISB35083 Datasheet HTML 11Page - STMicroelectronics ISB35083 Datasheet HTML 12Page - STMicroelectronics ISB35083 Datasheet HTML 13Page - STMicroelectronics ISB35083 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
PACKAGE AVAILABILITY
The ISB28000 Series is designed to be compatible
with QFP, BGA and SBC package types, in addition
to the more traditional types found.
The options include Plastic Leaded Chip Carriers
(PLCC) from 28 to 84 pins, while the Metric Quad
Flat Pack (xQFP) offering ranges up to 304 pins.
Both high performance and high power variants are
available as well as the TQFP thin types.
Ball Grid Array (BGA) packages are available from
160 to 500 pins and SBC types allow the pin count
to reach the area of 1000 pins.
Pin counts for through board mounting range up to
299. For higher pin counts the range is compatible
with the industry standard JEDEC and EIA-J Guar-
dring Quad Flatpack (GQPF) with pin counts from
186 to 304.
The diversity in pin count and package style gives
the designer the opportunity to find the best com-
promise for system size, cost and performance
requirements.
All packages for the military market are hermetically
sealed to meet MIL-STD-883 Method. Prototypes
are developed in ceramic packages for fast turn-
around evaluation.
0
100
200
300
400
500
600
700
Plastic Chip Carrier
Pin Grid Array
BGA and HP BGA
Plastic Quad Flatpack
Guardring Quad GQFP
NOW
PLANNED
Power QFP Spreader
and Slug based
Thin Quad Flatpack
PIN COUNT
80
304
64
447
44
84
225
700+
44
144
44
304
208
304
Lead Pitch
0.5&0.65 mm
0.5mm
0.5&0.65 mm
0.5mm
Large
Large
Large
ISB35_VB
Figure 6. Packaging Capability
ISB35000 SERIES
10/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com