Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISB35083 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ISB35083
Description  HCMOS STRUCTURED ARRAY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISB35083 Datasheet(HTML) 2 Page - STMicroelectronics

  ISB35083 Datasheet HTML 1Page - STMicroelectronics ISB35083 Datasheet HTML 2Page - STMicroelectronics ISB35083 Datasheet HTML 3Page - STMicroelectronics ISB35083 Datasheet HTML 4Page - STMicroelectronics ISB35083 Datasheet HTML 5Page - STMicroelectronics ISB35083 Datasheet HTML 6Page - STMicroelectronics ISB35083 Datasheet HTML 7Page - STMicroelectronics ISB35083 Datasheet HTML 8Page - STMicroelectronics ISB35083 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
GENERAL DESCRIPTION
The ISB35000 array series uses a high perform-
ance, low voltage, triple level metal, HCMOS 0.5
micron process to achieve sub-nanosecond inter-
nal speeds while offering very low power dissipation
and high noise immunity. The potential total gate
count ranges above 1 million equivalent usable
gates. The array operates over a Vdd voltage range
of 2.7 to 3.6 volts.
The I/O count for this array family ranges to over
600 signals and 1000 pins dependent upon the
package technology utilized. A Sea of I/O approach
has been followed to give a solution to today’s
problems of drive levels and specialized interface
standards. The array does not utilize a set bond pad
spacing but allows for pad spacings from 80 mi-
crons upwards.
The I/O can be configured for circuits ranging from
low voltage CMOS and TTL to 200 mHz plus low
swing differential circuits. Standards like GTL,
SCSI-2, 3.3 Volt PCI, CTI, and a limited set of 5.0
Volt interfaces are currently being addressed. A
specialized set of impedance matched transmis-
sion line driver LVTTL type circuits are also avail-
able with 25, 35, 45, and 55 Ohm output
impedance. These buffers sacrifice direct current
capabilities for matching positive and negative volt-
age and current waveforms.
CONVENTIONAL VIA LAYOUT
STACKED VIA LAYOUT
- STACKABLE CONTACTS + VIAs ALLOW MUCH HIGHER DENSITY (AREA SAVINGS UP TO 20% FOR R.L.)
- SIMPLIFIED ROUTING AND DESIGN RULE CHECKING
SUBSTRATE
ISOLATION
GATE
1st DIELECTRIC
2nd DIELECTRIC
CONTACT
CONTACT/VIA
PLUGS
1st
VIA
METAL 1
METAL 2
METAL 3
2nd
VIA
3rd DIELECTRIC
ISB35_VA
Figure 1. Advantages of stacked contacts and vias
ISB35000 SERIES
2/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com