Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JOSEPH Datasheet(PDF) 2 Page - STMicroelectronics

Part # JOSEPH
Description  AC/DC Single/Multirange CHARGER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

JOSEPH Datasheet(HTML) 2 Page - STMicroelectronics

  JOSEPH Datasheet HTML 1Page - STMicroelectronics JOSEPH Datasheet HTML 2Page - STMicroelectronics JOSEPH Datasheet HTML 3Page - STMicroelectronics JOSEPH Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Typical reference values in this data sheet are
8V, 500 mA with the input 230 Vac. The multi-
range version (90 to 264 Vrms) is also available
upon customer request.
Coming into the small Robin housing, JOSEPH
can be assembled with a variety of AC plugs
identified by specific ordering numbers. Interface
to the phone is ensured via a 2 wires cord with
strain relief, terminated with customer specified
connector. Typical weight is 70 grams only, with-
out cable.
AGENCY Approvals
The charger is certified by competent agencies to
comply with most popular safety and EMC re-
quirements, including but not limited to:
EN60950
UL1950
ETS300-342-1
ELECTRICAL CHARACTERISTICS (Tamb=25
oC, unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vi
Input Voltage
90
230
264
Vrms
Vo
Output Voltage limit
No load
7.2
8.0
8.8
V
Io
Output Current limit
3<Vout<Vo limit
400
500
600
mA
Vor
Output Ripple
Io=Ilimit
Vbatt=4V
100
mVpp
Vis
Isolation voltage
Input
to
output,
t=60s
(EN60950)
3000
Vrms
Top
Operating
Ambient
Temperature
050
oC
Tstg
Storage Temperature Range
-20
70
oC
n
efficiency
75%
Vo (V)
Io (mA)
8
500
3
TYPICAL OUTPUT CHARACTERISTIC
JOSEPH
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com