Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JOSEPH Datasheet(PDF) 1 Page - STMicroelectronics

Part # JOSEPH
Description  AC/DC Single/Multirange CHARGER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

JOSEPH Datasheet(HTML) 1 Page - STMicroelectronics

  JOSEPH Datasheet HTML 1Page - STMicroelectronics JOSEPH Datasheet HTML 2Page - STMicroelectronics JOSEPH Datasheet HTML 3Page - STMicroelectronics JOSEPH Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
LINE VOLTAGE 230 VAC. ALSO AVAILABLE
THE MULTIRANGE VERSION 90-264VAC
SINGLE OUTPUT MAX 4W
DESIGNED FOR ON LINE CHARGING OF
MOBILE PHONES
EMC COMPLIANCE ACCORDING TO EU
AND US DIRECTIVES
SAFETY
APPROVAL
ACCORDING
TO
EN60950
CE AND UL MARKED. AUSTRALIA, UK,
SOUTH AFRICA
AND CHINA MARKING
UPON REQUEST
OUTPUT CURRENT AND VOLTAGE LEVELS
ACCORDING TO CUSTOMER REQUIRE-
MENTS
OUTPUT VOLTAGE PRECISION: +/- 10%
OUTPUT CURRENT PRECISION : +/- 20%
OUTPUT RIPPLE VOLTAGE <100 mVpp
INPUT FUSE PROTECTION
OUTPUT SHORT CIRCUIT PROTECTION
2 WIRES DC CORD TERMINATED WITH
ANY CUSTOM CONNECTOR
AVAILABLE WITH A VARIETY OF AC PLUGS
LOW STAND BY POWER
DESCRIPTION
The Charger JOSEPH has been designed for
charging NiMH and NiCd batteries in hand held
mobile phones. JOSEPH is a very low cost high
efficiency AC/DC switching mode constant volt-
age & current generator. The output voltage and
current levels are set up by design in accordance
with customer requirements.
January 2000
®
PRODUCT VIEW
(Robin Housing, all plug types)
ORDERING NUMBER: GSAC-xxCCCy
JOSEPH
AC/DC Single/Multirange CHARGER
Tentative data
Plug Type:
Part Number:
EURO
GSAC-xxCCC1
UK
GSAC-xxCCC2
US
GSAC-xxCCC3
AUSTRALIA
GSAC-xxCCC4
INDIA/S. Africa
GSAC-xxCCC5
CHINA
GSAC-xxCCC6
xx = Output Current level (2 Digits)
CCC= Customer Identifier (3 Digits)
y = plug type
1/4


Similar Description - JOSEPH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GHIBLI STMICROELECTRONICS-GHIBLI Datasheet
84Kb / 4P
AC/DC UNIVERSAL FAST CHARGER
Rev. 01
MISTRAL STMICROELECTRONICS-MISTRAL Datasheet
79Kb / 4P
AC/DC Multirange FAST CHARGER
Rev. 01
logo
Power-One
MPB125-1012 POWER-ONE-MPB125-1012 Datasheet
96Kb / 4P
Single-Output AC-DC
logo
Powerbox
C300 POWERBOX-C300 Datasheet
376Kb / 1P
150 WATTS (AC) DC/DC SINGLE OUTPUT
logo
Make-Ps
CFM05M MAKE-PS-CFM05M Datasheet
391Kb / 2P
Single Output AC/DC Converter
PPM MAKE-PS-PPM Datasheet
209Kb / 4P
Single Output AC/DC Converter
logo
Mean Well Enterprises C...
TN-3000_1105 MEANWELL-TN-3000_1105 Datasheet
1Mb / 4P
3000W True Sine Wave DC-AC Inverter with Solar Charger
logo
Active-Semi, Inc
ACT36X ACTIVE-SEMI-ACT36X Datasheet
3Mb / 22P
AC/DC Charger/Adapter Reference Designs
Rev 2.5 Oct 2012
logo
Analog Devices
AD2033 AD-AD2033_15 Datasheet
1Mb / 4P
MULTIRANGE METER
logo
Integrated Power Design...
GRN-60 IPDPOWER-GRN-60 Datasheet
361Kb / 2P
SINGLE OUTPUT AC-DC
REV. Y 10/6/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com