Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JOSEPH Datasheet(PDF) 4 Page - STMicroelectronics

Part # JOSEPH
Description  AC/DC Single/Multirange CHARGER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

JOSEPH Datasheet(HTML) 4 Page - STMicroelectronics

  JOSEPH Datasheet HTML 1Page - STMicroelectronics JOSEPH Datasheet HTML 2Page - STMicroelectronics JOSEPH Datasheet HTML 3Page - STMicroelectronics JOSEPH Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is
granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are
subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products
are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2000 STMicroelectronics – Printed in Italy – All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco -
Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com
MECHANICAL DATA US plug version (dimensions in mm)
PARAMETER
GHIBLI
MISTRAL
JOSEPH
INPUT VOLTAGE RANGE - Vrms
90 - 264
90 - 264
90 - 264
MAX OUTPUT POWER - Watt
8
8
4
OUTPUT VOLTAGE ACCURACY
+/- 5%
+/- 5%
+/- 10%
OUTPUT CURRENT ACCURACY
+/- 8%
+/- 12%
+/- 20%
OUTPUT VOLTAGE RIPPLE - mVpp
< 100
< 100
< 100
ISOLATION VOLTAGE- Vrms
> 3000
> 3000
> 3000
OPERATING AMBIENT TEMPERATURE -
oC
0 - 50
0 - 50
0 - 50
STORAGE TEMPERATURE RANGE -
oC
-20 +70
-20 +70
-20 +70
AC INPUT FUSE PROTECTION
YES
YES
YES
DC OUTPUT SHORT CIRCUIT PROTECTION
YES
YES
YES
WEIGHT (without cable) - Grams
70
70
70
Fast Chargers SELECTION chart
JOSEPH
4/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com