Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH8080 Datasheet(PDF) 13 Page - Melexis Microelectronic Systems

Part # TH8080
Description  SoloLIN Transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8080 Datasheet(HTML) 13 Page - Melexis Microelectronic Systems

Back Button TH8080 Datasheet HTML 9Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 10Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 11Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 12Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 13Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 14Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 15Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 16Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 17Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
TH8080
SoloLIN Transceiver
TH8080 – Datasheet
Page 13 of 23
3901008080
July 2004
Rev 006
5. Application Hints
5.1
Bus loading requirements
Parameter
Symbol
Min
Typ
Max
Unit
Operating voltage range
VBAT
8
18
V
Voltage drop of reverse protection diode
VDrop_rev
0.4
0.7
1
V
Voltage drop at the serial diode in pull up path
VSerDiode
0.4
0.7
1
V
Battery shift voltage
VShift_BAT
0
0.1
VBAT
Ground shift voltage
VShift_GND
0
0.1
VBAT
Master termination resistor
Rmaster
900
1000
1100
Ω
Slave termination resistor
Rslave
20
30
60
k
Ω
Number of system nodes
N
2
16
Total length of bus line
LENBUS
40
m
Line capacitance
CLINE
100
150
pF/m
Capacitance of master node
CMaster
220
pF
Capacitance of slave node
CSlave
195
220
300
pF
Total capacitance of the bus including slave and master
capacitance
CBUS
0.47
4
10
nF
Network Total Resistance
RNetwork
500
862
Ω
Time constant of overall system
τ
1
5
µs
Table 1 - Bus loading requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com