Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH8080 Datasheet(PDF) 21 Page - Melexis Microelectronic Systems

Part # TH8080
Description  SoloLIN Transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8080 Datasheet(HTML) 21 Page - Melexis Microelectronic Systems

Back Button TH8080 Datasheet HTML 15Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 16Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 17Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 18Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 19Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 20Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 21Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 22Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 23Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
TH8080
SoloLIN Transceiver
TH8080 – Datasheet
Page 21 of 23
3901008080
July 2004
Rev 006
9. ESD/EMC Remarks
9.1
General Remarks
Electronic semiconductor products are sensitive to Electro Static Discharge (ESD).
Always observe Electro Static Discharge control procedures whenever handling semiconductor products.
9.2
ESD-Test
The TH8080 is tested according MIL883D (human body model).
9.3
EMC
The test on EMC impacts is done according to ISO 7637-1 for power supply pins and ISO 7637-3 for data-
and signal pins.
Power Supply pin VS:
Testpulse
Condition
Duration
1
t1 = 5 s / US = -100 V / tD = 2 ms
5000 pulses
2
t1 = 0.5 s / US = 100 V / tD = 0.05 ms
5000 pulses
3a/b
US = -150 V/ US = 100 V
burst 100ns / 10 ms / 90 ms break
1h
5
Ri
= 0.5
Ω, tD = 400 ms
tr = 0.1 ms / UP+US = 40 V
10 pulses every 1min
Signal pin BUS:
Testpulse
Condition
Duration
1
t1 = 5 s / US = -100 V / tD = 2 ms
1000 pulses
2
t1 = 0.5 s / US = 100 V / tD = 0.05 ms
1000 pulses
3a/b
US = -150 V/ US = 100 V
burst 100ns / 10 ms / 90 ms break
1000 burst



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com