Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH8082KDC Datasheet(PDF) 7 Page - Melexis Microelectronic Systems

Part # TH8082KDC
Description  Enhanced SoloLIN Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8082KDC Datasheet(HTML) 7 Page - Melexis Microelectronic Systems

Back Button TH8082KDC Datasheet HTML 3Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 4Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 5Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 6Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 7Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 8Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 9Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 10Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 11Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
TH8082
Enhanced SoloLIN Transceiver
TH8082 – Datasheet
Page 7 of 26
3901008082
Feb 2007
Rev 007
Parameter
Symbol
Condition
Min
Typ
Max
Unit
PIN RXD
Low level output voltage
Vol_rxd
IRxD = 2mA
0.9
V
Leakage Current
Vleak_rxd
VRxD = 5.5V, recessive
-10
10
µA
PIN INH
On resistance INH
Ron_INH
Normal or standby mode,
VINH = VS-1V , VS = 12V
20
50
Ω
Leakage current INH
IINH_lk
EN = L ,VINH = 0V
-5
5
µA
Thermal Protection
Thermal shutdown
Tsd [1]
155
180
°C
Thermal recovery
Thys [1]
126
150
°C
[1]
No production test, guaranteed by design and qualification
[2]
In accordance to LIN Physical Layer Specification 1.3
[3]
In accordance to LIN Physical Layer Specification 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com