Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH8082KDC Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # TH8082KDC
Description  Enhanced SoloLIN Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8082KDC Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  TH8082KDC Datasheet HTML 1Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 2Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 3Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 4Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 5Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 6Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 7Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 8Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
TH8082
Enhanced SoloLIN Transceiver
TH8082 – Datasheet
Page 1 of 26
3901008082
Feb 2007
Rev 007
Features
Compatible to LIN Physical Layer Specification Rev.1.3 and 2.0
Compatible to ISO9141 functions
Operating voltage VS = 7 to 18 V
Very low standby current consumption of 6.5µA in sleep mode
Remote wake up via bus traffic
Baud rate up to 20 kBaud
Control output for voltage regulator with low on – resistance for switchable master
termination
Low EME due to slew rate control
High EMI immunity
Fully integrated receiver filter
Bus terminals proof against short-circuits and transients in the automotive environment
High impedance Bus pin in case of loss of ground and undervoltage condition
Bus short to ground protection
Thermal overload protection
Integrated termination resistor for LIN slave nodes
High signal symmetry for using in RC – based slave nodes up to 2% clock tolerance
±4kV ESD protection
Ordering Information
Part No.
Temperature Range
Package
TH8082 KDC
K (-40 to 125 °C)
DC (SOIC8)
General Description
The TH8082 is a physical layer device for a single wire data link capable of operating in applications where
high data rate is not required and a lower data rate can achieve cost reductions in both the physical media
components and in the microprocessor which use the network. The TH8082 is designed in accordance to the
physical layer definition of the LIN Protocol Specification, Rev. 1.3 and 2.0.The IC furthermore can be used
in ISO9141 systems.
Because of the very low current consumption of the TH8082 in the sleep mode it’s suitable for ECU
applications with hard standby current requirements. This mode allows a shutdown of the whole application.
The included wake-up function detects incoming dominant bus messages and enables the voltage regulator.


Similar Part No. - TH8082KDC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH8082 ETC-TH8082 Datasheet
175Kb / 14P
Single LIN Bus Transceiver
More results

Similar Description - TH8082KDC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68160 MOTOROLA-MC68160 Datasheet
372Kb / 30P
ENHANCED ETHERNET INTERFACE TRANSCEIVER
MC68160A MOTOROLA-MC68160A Datasheet
355Kb / 32P
ENHANCED ETHERNET INTERFACE TRANSCEIVER
logo
NXP Semiconductors
NE83Q93 PHILIPS-NE83Q93 Datasheet
90Kb / 11P
Enhanced coaxial Ethernet transceiver
1995 May 1
logo
ON Semiconductor
NCV7382 ONSEMI-NCV7382 Datasheet
112Kb / 16P
Enhanced LIN Transceiver
May, 2004 ??Rev. P1
NCV7382 ONSEMI-NCV7382_07 Datasheet
212Kb / 16P
Enhanced LIN Transceiver
February, 2007 ??Rev. 3
logo
Integrated Device Techn...
MC68160A IDT-MC68160A Datasheet
577Kb / 30P
Enhanced Ethernet Transceiver
logo
Melexis Microelectronic...
TH8080 MELEXIS-TH8080 Datasheet
564Kb / 23P
SoloLIN Transceiver
logo
ams AG
AS8222 AMSCO-AS8222 Datasheet
1Mb / 43P
Enhanced FlexRay Standard Transceiver
logo
Melexis Microelectronic...
MLX80020 MELEXIS-MLX80020 Datasheet
781Kb / 26P
Enhanced LIN Transceiver
logo
Device Engineering Inco...
DEI1084 DEIAZ-DEI1084 Datasheet
1Mb / 15P
ARINC 429 ENHANCED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com