Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH8082KDC Datasheet(PDF) 23 Page - Melexis Microelectronic Systems

Part # TH8082KDC
Description  Enhanced SoloLIN Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8082KDC Datasheet(HTML) 23 Page - Melexis Microelectronic Systems

Back Button TH8082KDC Datasheet HTML 18Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 19Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 20Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 21Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 22Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 23Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 24Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 25Page - Melexis Microelectronic Systems TH8082KDC Datasheet HTML 26Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
TH8082
Enhanced SoloLIN Transceiver
TH8082 – Datasheet
Page 23 of 26
3901008082
Feb 2007
Rev 007
8.2
Reel Specification
A
D*
B*
C
W2
W1
N
Amax
B*
C
D*min
330
2.0
±0.5
13.0 +0,5/-0,2
20.2
Width of half reel
Nmin
W1
W2 max
4 mm
100,0
4,4
7,1
8 mm
100,0
8,4
11,1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com