Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2998MAX/NOPB Datasheet(PDF) 32 Page - Lattice Semiconductor

Part # LP2998MAX/NOPB
Description  ECP5 Versa Development Board User Guide
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LP2998MAX/NOPB Datasheet(HTML) 32 Page - Lattice Semiconductor

Back Button LP2998MAX/NOPB Datasheet HTML 24Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 25Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 26Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 27Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 28Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 29Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 30Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 31Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 32Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
32
ECP5 Versa Development Board
®
Appendix C. Demo Board Rev A Information
ECP5 Versa Development Board – Working with Revision A
This document covers the Revision B of ECP5 Versa. To work with Revision A there are several items to be aware
of:
Setting the Configuration Mode
On the Rev A, setting the Configuration Mode requires modifying the resistor population in the CFG[2:0] Setting
Resistor Field (see Figure 3) as described in Table 3. This requires adding and/or removing 0603 size SMT resis-
tors as necessary. Some soldering skill and the correct equipment is necessary to perform this rework.
Figure 20. CFG[2:0] Setting Resistor Field – Revision A
Table 14. CFG[2:0] Selection – Revision A
Rev A
Configuration Mode
CFG[2:0]
R190
(1K-4.7 kOhm)
R191
(1K-4.7 kOhm)
R192
(1K-4.7 kOhm)
R182
(0 - 1 kOhm)
R188
(0 - 1 kOhm)
R189
(0 - 1 kOhm)
1149.1 JTAG only
000
removed
removed
removed
placed
placed
placed
Slave SPI
001
removed
removed
placed
placed
placed
removed
Master SPI
010
removed
placed
removed
placed
removed
placed
SCM (Slave_Serial)
101
placed
removed
placed
removed
placed
removed
SCM (Slave_Parallel)
111
placed
placed
placed
removed
removed
removed
ECP5 Pin Assignment Changes
The following pins (Table 15) have changed assignment between the Rev A and Rev B board. These functions
would need to be remapped for use between the two boards.
Table 15. Pin Assignment Updates - Rev A vs Rev B
Pin Signal / Function
Rev A ECP5 Ball Location
Rev B ECP5 Ball Location
SEG1 (Character LED)
L19
L18
Switch 3-7
J19
K19
Phy1_CLK125 (Ethernet Phy 1)
L18
L19
Phy2_RxCLK (Ethernet Phy 2)
K19
J19
1. Removing all six resistors is equivalent to Slave Parallel mode due to internal weak Pull-up resistors on CFG[2:0] pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com