Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2998MAX/NOPB Datasheet(PDF) 12 Page - Lattice Semiconductor

Part # LP2998MAX/NOPB
Description  ECP5 Versa Development Board User Guide
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LP2998MAX/NOPB Datasheet(HTML) 12 Page - Lattice Semiconductor

Back Button LP2998MAX/NOPB Datasheet HTML 8Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 9Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 10Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 11Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 12Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 13Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 14Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 15Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 16Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
12
ECP5 Versa Development Board
®
Table 8. Alpha-numeric LED Definitions
Display
FPGA Ball Number
Display
FPGA Ball Number
A
M20
J
N18
B
L18
K
P17
C
M19
L
N17
D
L16
M
P16
E
L17
N
R16
F
M18
P
R17
G
N16
DP
U1
H
M17
DDR3 Memory Device
(See Appendix A, Sheet 7, Figure 16 - DDR3 Memory)
• The ECP5 Versa Development Board is equipped with an SDRAM memory device (1.5 V, 64 Mb/x16, 96-ball
FBGA, 933 MHz, DDR3-1866) such as the Micron MT41K64M16TW-107:J device.
• The DDR3 memory includes a 16-bit wide memory controller interface.
• The board includes termination of data, address and command signals. It includes all power and external compo-
nents needed to demonstrate the memory controller of the ECP5 device.
• A 100 MHz on-board clock oscillator is available to provide a DDR3 reference clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com