Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2998MAX/NOPB Datasheet(PDF) 27 Page - Lattice Semiconductor

Part # LP2998MAX/NOPB
Description  ECP5 Versa Development Board User Guide
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LP2998MAX/NOPB Datasheet(HTML) 27 Page - Lattice Semiconductor

Back Button LP2998MAX/NOPB Datasheet HTML 23Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 24Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 25Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 26Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 27Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 28Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 29Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 30Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 31Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
27
ECP5 Versa Development Board
®
Appendix B. Bill of Materials
Table 13. ECP5 Versa Development Board Bill of Materials
Item
Quantity
Reference
Part
Manufacturer
Part Number
Description
1
1
CN1
PCI Express x1 Edge
Finger Conn.
2
31
C1,C2,C3,C4,C5,C20,C21,
C29,C33,C85,C89,C92,
C95,C108,C110,C113,
C146,C202,C203,C206,
C237,C239,C243,C396,
C398,C401,C404,C408,
C410,C413,C417
10NF-0402SMT
Panasonic
ECJ0EB1E103K
CAP .01UF 25V
CERAMIC X7R 0402
3
32
C6,C7,C8,C9,C11,C22,
C23,C28,C30,C34,C66,
C67,C68,C69,C70,C72,
C77,C81,C88,C91,C106,
C111,C114,C115,C395,
C399,C402,C405,C407,
C412,C414,C416
100NF-0402SMT
Panasonic
ECJ-0EB1A104K
CAP .1UF 10V CERAMIC
X5R 0402
4
8
C18,C25,C26,C36,C102,
C104,C176,C180
22UF-16V-TANTBSMT
Kemet
T491B226M016AT
CAPACITOR TANT 22UF
16V 20% SMD
5
12
C19,C24,C27,C35,C101,
C103,C171,C173,C178,
C181,C391,C394
1UF-16V-0805SMT
Panasonic
ECJ-2FB1C105K
CAP 1UF 16V CERAMIC
0805 X5R
6
7
C31,C32,C90,C93,C94,
C105,C112
1NF-0402SMT
TDK Corporation
C1005C0G1E102J
CAP CER 1000PF 25V
C0G 5% 0402
7
2
C37,C51
10uF,25V-1206SMT
TDK Corporation
C3216Y5V1E106Z
CAP CER 10UF 25V Y5V
1206
8
6
C38,C39,C52,C53,C255,
C273
220NF-0402SMT
TDK Corporation
C1005X7R1C224K050BC CAP CER 0.22UF 16V
X7R 10% 0402
9
10
C40,C41,C42,C49,C50,
C54,C55,C58,C63,C64
22uF,6.3V-0805SMT
TDK Corporation
C2012X5R0J226M
CAP CER 22UF 6.3V X5R
20% 0805
10
12
C43,C44,C56,C57,C397,
C400,C403,C406,C409,
C411,C415,C418
1000pF-0402SMT
Panasonic
ECJ-0EB1E102K
CAP 1000PF 25V
CERAMIC X7R 0402
11
4
C45,C48,C59,C62
330pF-0402SMT
TDK Corporation
C1005C0G1H331J
CAP CER 330PF 50V
C0G 5% 0402
12
2
C46,C47,
10pF-0402SMT
TDK Corporation
C1005C0G1H100D
CAP CER 10PF 50V C0G
0402
13
2
C60,C61
10pF-0402SMT
DNI
14
2
C65,C71
4_7UF-10V-SMT
TDK Corporation
C1608X5R1A475K
CAP CER 4.7UF 10V X5R
0603
15
1
C74
3_3UF-10V-SMT
TDK Corporation
C1608X5R1A335K
CAP CER 3.3UF 10V X5R
0603
16
33
C78,C84,C107,C109,C145,
C147,C172,C174,C175,
C183,C185,C186,C188,
C189,C191,C193,C195,
C197,C199,C201,C205,
C218,C220,C222,C224,
C225,C227,C231,C232,
C233,C238,C240,C242
100NF-0603SMT
Panasonic
ECJ-1VF1C104Z
CAP .1UF 16V CERAMIC
Y5V 0603
17
2
C79,C80
12PF-0603SMT
TDK Corporation
C1608C0G1H120J
CAP CER 12PF 50V C0G
5% 0603
18
25
C86,C87,C244,C247,C248,
C256,C258,C260,C261,
C262,C263,C264,C265,
C266,C267,C274,C275,
C278,C279,C280,C281,
C282,C283,C284,C285
100NFX5R-0402SMT
Kemet
C0402C104K8PACTU
CAP .10UF 10V
CERAMIC X5R 0402
19
1
C170
47UF-16V-TANTBSMT
Kemet
B45196H2476K209
CAP TANTALUM 47UF
10V 10% SMD
20
1
C177
100UF-D3POSCAP
Sanyo
6TPE100MI
100UF,6.3V ,D2E.
POSCAP
21
1
C179
10UF-16V-TANTBSMT
AVX
TAJB106K016R
CAP TANTALUM 10UF
16V 10% SMD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com