Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L295 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L295
Description  DUAL SWITCH-MODE SOLENOID DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L295 Datasheet(HTML) 3 Page - STMicroelectronics

  L295 Datasheet HTML 1Page - STMicroelectronics L295 Datasheet HTML 2Page - STMicroelectronics L295 Datasheet HTML 3Page - STMicroelectronics L295 Datasheet HTML 4Page - STMicroelectronics L295 Datasheet HTML 5Page - STMicroelectronics L295 Datasheet HTML 6Page - STMicroelectronics L295 Datasheet HTML 7Page - STMicroelectronics L295 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vs
Supply Voltage
12
46
V
Vss
Logic Supply Voltage
4.75
10
V
Id
Quiescent drain current
(from VSS)
VS = 46V; Vi1 = Vi2 = VEN = L
4mA
Iss
Quiescent drain current
(from VS)
VSS = 10 V
46
mA
Vi1,,Vi2
Input Voltage
Low
-0.3
0.8
V
High
2.2
7
VEN
Enable Input Voltage
Low
-0.3
0.8
V
High
2.2
7
Ii1, Ii2
Input Current
Vi1 = Vi2 = L
-100
µA
Vi1 = Vi2 = H
10
IEN
Enable Input Current
VEN = L
-100
µA
VEN = H
10
Vref1,
Vref2
Input Reference Voltage
0.2
2
V
Iref1,
Iref2m
Input Reference Voltage
-5
µA
Fosc
Oscillation Frequency
C = 3.9 nF;
R = 9.1 K
Ω
25
KHz
Ip
Transconductance (each ch.)
Vref = 1V
1.9
2
2.1
A/V
Vref
Vdrop
Total output voltage drop
(each channel) (*)
Io = 2 A
2.8
3.6
V
Vsens1
Vsens2
External sensing resistors
voltage drop
2V
(*) Vdrop = VCEsat Q1 + VCEsat Q2.
ELECTRICAL CHARACTERISTICS (Refer to the application circuit, Vss = 5V, Vs = 36V; Tj = 25
°C; L =
Low; H = High; unless otherwise specified)
3/8
L295



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com