Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L295 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L295
Description  DUAL SWITCH-MODE SOLENOID DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L295 Datasheet(HTML) 1 Page - STMicroelectronics

  L295 Datasheet HTML 1Page - STMicroelectronics L295 Datasheet HTML 2Page - STMicroelectronics L295 Datasheet HTML 3Page - STMicroelectronics L295 Datasheet HTML 4Page - STMicroelectronics L295 Datasheet HTML 5Page - STMicroelectronics L295 Datasheet HTML 6Page - STMicroelectronics L295 Datasheet HTML 7Page - STMicroelectronics L295 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
L295
DUAL SWITCH-MODE SOLENOID DRIVER
PRELIMINARY DATA
HIGH CURRENT CAPABILITY (up to 2.5A per
channel)
HIGH VOLTAGE OPERATION (up to 46V for
power stage)
HIGH EFFICIENCY SWITCHMODE OPERATION
REGULATED OUTPUT CURRENT (adjustable)
FEW EXTERNAL COMPONENTS
SEPARATE LOGIC SUPPLY
THERMAL PROTECTION
DESCRIPTION
The L295 is a monolithic integrated circuit in a 15 -
lead Multiwatt ® package; it incorporates all the
functions for direct interfacing between digital cir-
cuitry and inductive loads. The L295 is designed to
accept standard microprocessor logic levels at the
inputs and can drive 2 solenoids. The output current
is completely controlled by means of a switch-
March 1993
Symbol
Parameter
Value
Unit
Vs
Supply voltage
50
V
Vss
Logic supply voltage
12
V
VEN, Vi
Enable and input voltage
7
V
Vref
Reference voltage
7
V
Io
Peak output current (each channel)
- non repetitive (t = 100
µsec)
3A
- repetitive (80% on - 20% off; Ton = 10 ms)
2.5
A
- DC operation
2
A
Ptot
Total power dissipation (at Tcase = 75
°C
25
W
Tstg, Tj
Storage and junction temperature
- 40 to 150
°C
ABSOLUTE MAXIMUM RATINGS
ing technique allowing very efficient operation.
Furthermore, it includes an enable input and dual
supplies (for interfacing with peripherals running at
a higher voltage than the logic).
The L295 is particularly suitable for applications
such as hammer driving in matrix printers, step
motor driving and electromagnet controllers.
APPLICATION CIRCUIT
Multiwatt 15
ORDER CODE : L295
1/8


Similar Part No. - L295

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
L2950OO BULGIN-L2950OO Datasheet
85Kb / 2P
Neon Indicatiors (Neon, LED and Filament Lamps)
logo
STMicroelectronics
L295 STMICROELECTRONICS-L295_03 Datasheet
138Kb / 7P
DUAL SWITCH-MODE SOLENOID DRIVER
Oct-2003
More results

Similar Description - L295

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L294 STMICROELECTRONICS-L294 Datasheet
115Kb / 8P
SWITCH-MODE SOLENOID DRIVER
Oct-1991
L6213 STMICROELECTRONICS-L6213 Datasheet
136Kb / 9P
SOLENOID DRIVER SWITCH MODE POWER SUPPLY
Nov-1991
L295 STMICROELECTRONICS-L295_03 Datasheet
138Kb / 7P
DUAL SWITCH-MODE SOLENOID DRIVER
Oct-2003
logo
Fairchild Semiconductor
FDMS2380 FAIRCHILD-FDMS2380 Datasheet
377Kb / 15P
Dual Integrated Solenoid Driver
logo
STMicroelectronics
L294 STMICROELECTRONICS-L294_03 Datasheet
143Kb / 8P
SWITCH-MODE SOLENOID DRIVER
Sep-2003
logo
List of Unclassifed Man...
LP1020CC ETC1-LP1020CC Datasheet
57Kb / 2P
Switch-Mode LED Driver
LP1020CV ETC1-LP1020CV Datasheet
57Kb / 2P
Switch-Mode LED Driver
LP4240-12-YZ-E ETC1-LP4240-12-YZ-E Datasheet
54Kb / 2P
Switch-Mode LED Driver
logo
Marl International Limi...
LP1020CV MARL-LP1020CV Datasheet
57Kb / 2P
Switch-Mode LED Driver
logo
MagnaChip Semiconductor...
MAP3232 MGCHIP-MAP3232 Datasheet
614Kb / 14P
Dual Channel Switch Mode OperatingLED Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com