Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6213 Datasheet (PDF) - STMicroelectronics

L6213 Datasheet PDF - STMicroelectronics
Part # L6213
Download  L6213 Download
File Size   136.23 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SOLENOID DRIVER SWITCH MODE POWER SUPPLY

L6213 Datasheet (PDF)

Go To PDF Page Download Datasheet
L6213 Datasheet PDF - STMicroelectronics

Part # L6213
Download  L6213 Click to download

File Size   136.23 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SOLENOID DRIVER SWITCH MODE POWER SUPPLY

L6213 Datasheet (HTML) - STMicroelectronics


L6213 Product details

DESCRIPTION
The L6213 is an IC containing a S.M.P.S. delivering 1A at a voltage of 5V and a section designed to drive a solenoid with a current up to 5A.
The device is realized in BCD mixed technology, which combines isolated DMOS power transistor with CMOS and Bipolar circuits on the same chip.
The SMPS section can deliver 1A DC with an output voltage of 5V, including current limiting, reset and power fail for microprocessor and thermal protection.

■ OPERATING SUPPLY VOLTAGE UP TO 46V
■ 1A POWER SUPPLY (5V)
■ 5A SOLENOID DRIVER
■ PRECISE ON CHIP REFERENCE VOLTAGE
■ DISCONTINUOUS MODE - FREQUENCY VARIABLE
■ VERY HIGH EFFICIENCY
■ 1Ω OUTPUT DMOS (SMPS)
■ INTERNAL CURRENT LIMIT (SMPS SECTION)
■ EXTERNALLY PROGRAMMABLE SOLENOID CURRENT RISING SLOPE
■ EXTERNALLY PROGRAMMABLE FIXED HYSTERESIS CONTROL
■ OPTIMIZED DMOS RDS ON FOR HIGH SIDE CHOPPING




Similar Part No. - L6213

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
L621 CRYDOM-L621 Datasheet
585Kb / 4P
Power Modules
logo
STMicroelectronics
L6210 STMICROELECTRONICS-L6210 Datasheet
99Kb / 5P
DUAL SCHOTTKY DIODE BRIDGE
Apr-1993
L6210 STMICROELECTRONICS-L6210 Datasheet
146Kb / 8P
Dual Schottky diode bridge
23-Apr-2008
L6210 STMICROELECTRONICS-L6210_08 Datasheet
146Kb / 8P
Dual Schottky diode bridge
23-Apr-2008
L6219 STMICROELECTRONICS-L6219 Datasheet
1Mb / 9P
STEPPER MOTOR DRIVER
Oct-2001
More results


Similar Description - L6213

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L294 STMICROELECTRONICS-L294 Datasheet
115Kb / 8P
SWITCH-MODE SOLENOID DRIVER
Oct-1991
L295 STMICROELECTRONICS-L295 Datasheet
112Kb / 8P
DUAL SWITCH-MODE SOLENOID DRIVER
Mar-1993
L295 STMICROELECTRONICS-L295_03 Datasheet
138Kb / 7P
DUAL SWITCH-MODE SOLENOID DRIVER
Oct-2003
L294 STMICROELECTRONICS-L294_03 Datasheet
143Kb / 8P
SWITCH-MODE SOLENOID DRIVER
Sep-2003
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
Switch Mode Power Supply
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
logo
Omron Electronics LLC
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
Switch Mode Power Supply
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com