Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6213 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6213
Description  SOLENOID DRIVER SWITCH MODE POWER SUPPLY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6213 Datasheet(HTML) 1 Page - STMicroelectronics

  L6213 Datasheet HTML 1Page - STMicroelectronics L6213 Datasheet HTML 2Page - STMicroelectronics L6213 Datasheet HTML 3Page - STMicroelectronics L6213 Datasheet HTML 4Page - STMicroelectronics L6213 Datasheet HTML 5Page - STMicroelectronics L6213 Datasheet HTML 6Page - STMicroelectronics L6213 Datasheet HTML 7Page - STMicroelectronics L6213 Datasheet HTML 8Page - STMicroelectronics L6213 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
L6213
SOLENOID DRIVER + SWITCH MODE POWER SUPPLY
ADVANCE DATA
OPERATING SUPPLY VOLTAGE UP TO 46V
1A POWER SUPPLY (5V)
5A SOLENOID DRIVER
PRECISE ON CHIP REFERENCE VOLTAGE
DISCONTINUOUS
MODE -
FREQUENCY
VARIABLE
VERY HIGH EFFICIENCY
1
Ω OUTPUT DMOS (SMPS)
INTERNAL CURRENT LIMIT (SMPS SEC-
TION)
EXTERNALLY PROGRAMMABLE SOLENOID
CURRENT RISING SLOPE
EXTERNALLY
PROGRAMMABLE
FIXED
HYSTERESIS CONTROL
OPTIMIZED DMOS RDS ON FOR HIGH SIDE
CHOPPING
DESCRIPTION
The L6213 is an IC containing a S.M.P.S. deliver-
ing 1A at a voltage of 5V and a section designed
to drive a solenoid with a current up to 5A.
The device is realized in BCD mixed technology,
which combines isolated DMOS power transistor
with CMOS and Bipolar circuits on the same chip.
The SMPS section can deliver 1A DC with an out-
put voltage of 5V, including current limiting, reset
and power fail for microprocessor and thermal
protection.
The solenoid driver section is designed for high
current applications like hammer driver in elec-
tronic typewriter.
The solenoid output section contains a high side and
a low side DMOS, which RDS ON are optimized for
high side chopping. The current rising slope is exter-
nally programmable through an external capacitor.
The level of hysteresis of the current can be
changed through an external resistor.
The device is supplied in Powerdip 16+2+2, and
use the four center pins to conduct heat to the
printed circuit.
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
November 1991
APPLICATION CIRCUIT
Powerdip 16+2+2
MULTIPOWER BCD TECHNOLOGY
1/9


Similar Part No. - L6213

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
L621 CRYDOM-L621 Datasheet
585Kb / 4P
Power Modules
logo
STMicroelectronics
L6210 STMICROELECTRONICS-L6210 Datasheet
99Kb / 5P
DUAL SCHOTTKY DIODE BRIDGE
Apr-1993
L6210 STMICROELECTRONICS-L6210 Datasheet
146Kb / 8P
Dual Schottky diode bridge
23-Apr-2008
L6210 STMICROELECTRONICS-L6210_08 Datasheet
146Kb / 8P
Dual Schottky diode bridge
23-Apr-2008
L6219 STMICROELECTRONICS-L6219 Datasheet
1Mb / 9P
STEPPER MOTOR DRIVER
Oct-2001
More results

Similar Description - L6213

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L294 STMICROELECTRONICS-L294 Datasheet
115Kb / 8P
SWITCH-MODE SOLENOID DRIVER
Oct-1991
L295 STMICROELECTRONICS-L295 Datasheet
112Kb / 8P
DUAL SWITCH-MODE SOLENOID DRIVER
Mar-1993
L295 STMICROELECTRONICS-L295_03 Datasheet
138Kb / 7P
DUAL SWITCH-MODE SOLENOID DRIVER
Oct-2003
L294 STMICROELECTRONICS-L294_03 Datasheet
143Kb / 8P
SWITCH-MODE SOLENOID DRIVER
Sep-2003
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
Switch Mode Power Supply
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
logo
Omron Electronics LLC
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
Switch Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com