Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6213 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6213
Description  SOLENOID DRIVER SWITCH MODE POWER SUPPLY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6213 Datasheet(HTML) 4 Page - STMicroelectronics

  L6213 Datasheet HTML 1Page - STMicroelectronics L6213 Datasheet HTML 2Page - STMicroelectronics L6213 Datasheet HTML 3Page - STMicroelectronics L6213 Datasheet HTML 4Page - STMicroelectronics L6213 Datasheet HTML 5Page - STMicroelectronics L6213 Datasheet HTML 6Page - STMicroelectronics L6213 Datasheet HTML 7Page - STMicroelectronics L6213 Datasheet HTML 8Page - STMicroelectronics L6213 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PIN DESCRIPTION
Nr.
Name
Description
1
Out-Up
Solenoid section upper DMOS output.
2
BSE
Solenoid section upper DMOS bootstrap. A capacitor connected between pin 2 and pin 1
ensures the efficient driving of the solenoid section upper DMOS.
3
ENABLE
Solenoid control input - TTL compatible.
4+VS1
Unregulated voltage input - Solenoid section.
5, 6
GND
Ground.
7
PF
Power fail output, the saturation of PF is guaranteed if VPS exceed 3V. PF is at logic 1 a
time T1 after RESET reached the high level. PF came back to logic 0 when VPS goes
down under 18V. (see fig. 1)
8
PFP
Power fail programming. A resistor divider connected to VPS changes the Power fail
threshold levels.
9
CD
Capacitor delay. A capacitor connected to this pin determines the Reset signal delay time
td.
10
VS2
Unregulated voltage input - SMPS sections.
11
VD
Regulator output and diode voltage control.
12
BSA
SMPS section DMOS bootstrap. A capacitor connected between pin 12 and pin 11
ensures efficient driving of SMPS DMOS.
13
RESET
Reset output. The saturation of Reset is guaranteed if VPS exceeds 3V. The Reset output
reaches the logic level 1 a time delay (set by capacitor CD) after VPS has reached a
rising threshold voltage. Reset reaches 0 level when VPS goes down below folling
threshold.
14
Vout
Feed back input of the regulation loop.
15, 16
GND
Ground.
17
Rsense
Connection for solenoid sensing resistor.
18
PIM
Programming of solenoid current rising edge. An RC network connected to this pin
determines the slope of the solenoid current rising edge.
19
ISTP
Programming of solenoid current histeresys.
20
Out-Down
Solenoid section lower DMOS output.
ELECTRICAL CHARACTERISTICS (Refer to the application circuit, TJ =25
°C, Iout Power Supply =
50mA, VPS from 12V to 46V; unless otherwise specified.
Pin
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
STEP-DOWN SECTION
10, 4
Vi
Supply Voltage
14
46
V
14
Vo
Output Voltage
IO = 0.05 to 1A
4.85
5.2
V
RDS on
On State Drain Resistance
TJ =25
°C; VPS = 15 to 46V
0.56
0.7
Ω
10
thon
Turn-on Threshold
VPS Rising Fig. 1
10
12
V
10
th off
Turn-off Threshold
VPS Falling Fig. 1
10
12
V
10
IB
Input Bias Current
15
mA
11
Ilim
Static Current Limiting
2.2
3.4
A
2, 10
Ii
Total Input Current
ENABLE = 1, VPS = 46V,
Iload =0
13
mA
2, 10
Ii
Total Input Current
ENABLE = 1, VPS = 15V,
Iload =0
18
mA
11
tdp
Protection Current Maximum
Delay Time
1
µs
toff
Minimum Power off State
VPS = 46V IO = 50mA
4.2
7.8
µs
L6213
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com