Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6213 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6213
Description  SOLENOID DRIVER SWITCH MODE POWER SUPPLY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6213 Datasheet(HTML) 5 Page - STMicroelectronics

  L6213 Datasheet HTML 1Page - STMicroelectronics L6213 Datasheet HTML 2Page - STMicroelectronics L6213 Datasheet HTML 3Page - STMicroelectronics L6213 Datasheet HTML 4Page - STMicroelectronics L6213 Datasheet HTML 5Page - STMicroelectronics L6213 Datasheet HTML 6Page - STMicroelectronics L6213 Datasheet HTML 7Page - STMicroelectronics L6213 Datasheet HTML 8Page - STMicroelectronics L6213 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Pin
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
POWER FAIL
10
VthR
Rising Threshold Voltage
PFP open
Fig. 1
19.5
20
23
V
10
VthF
Falling Threshold Voltage
PFP open
Fig. 1
16.6
18.1
19.5
V
10
∆Vth
Threshold Hysteresis
PFP open
Fig. 1
0.5
V
8IPFI
Divided Internal Current
130
µA
8Vth-PFP
Rising Threshold Voltage
VPS = 24V
1.1
1.21
1.29
V
8Vth-PFP
Falling Threshold Voltage
VPS = 24V
0.98
1.06
1.13
V
8
∆Vth -PFP
Threshold Hysteresis
VPS = 24V
30
mV
7Vsat
Output PF Saturation
PF current = 2.5mA
VPS = 3 to 46V
0.4
V
7Ileak
Output Leakage Current
VPS = 46V VPF = 20V
50
µA
7
t1
Delay to Reset
RESET High to PF high
Delay Time (fig. 1)
01
µs
7
t2
Noise Immunity
When VPS drops to 8V for a
time from 0 to t2, PF must be
at 1 logic level (fig. 2)
01
µs
7
t3
Noise Immunity
When VPS drops to 17V for
a time greater than t3, PF
must be at 0 logic level (fig. 2)
4
µs
RESET
9Id
Delay Source Current
VD = 0 to 4.1V
70
140
µA
9Id
Delay Sink Current
VD = 4.3 to 2V
10
mA
13
Vsat
Output RESET Saturation
RESET Current = 2.5mA
VPS = 3 to 46V
0.4
V
13
Ileak
Output Leakage Current
VPS = 46V RD = 4 to 5V
VRESET = 20V
50
µA
13
t4
Noise Immunity
When VPS drops to 10V for a
time greater than t4 RESET
must be at 0 logic level (fig. 1)
4
µs
SOLENOID CONTROL SECTION
18
Vsat
Saturation Voltage
ENABLE = 1 I PIM = 5mA
0.2
V
18
Ileak
Leakage Current
PIM = 0.2 to 2.5V ENABLE = 0
+100
µA
18
Vclamp
Clamp Voltage
1.9
2
2.1
V
17
Minimum Offset Threshold
PIM = GND Vsens = 10mV
ENABLE = 0
lower MOS must be in conduction
17
MAximum Offset Voltage
PIM = GND Vsens = 50mV
ENABLE = 0
lower MOS must be open
17
Vsense
Static Voltage Limiting
Threshold
Vsens going from 0 to 0.6V
PIM = 3V, the EMH DMOS
goes to high resistance state
when Vsens is within: (see
Block Diagram)
0.475
0.5
0.525
V
17
Maximum Delay Time
1
µs
tp
Protection Time
2
4
µs
EMH Ron
OnStateDrain toSource Resistance
Tj =25
°C, VPS 15 to 46V
0.35
0.45
Ω
EML Ron
OnStateDrain to SourceResistance
Tj = 25
°C, VPS 15 to 46V
0.28
0.4
Ω
17
Vsense
Vsense Hysteresis
IST = Open
IST = 0.75V
IST = 3V
35
15
80
50
25
100
65
35
120
mV
mV
mV
L6213
5/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com