Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6213 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6213
Description  SOLENOID DRIVER SWITCH MODE POWER SUPPLY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6213 Datasheet(HTML) 3 Page - STMicroelectronics

  L6213 Datasheet HTML 1Page - STMicroelectronics L6213 Datasheet HTML 2Page - STMicroelectronics L6213 Datasheet HTML 3Page - STMicroelectronics L6213 Datasheet HTML 4Page - STMicroelectronics L6213 Datasheet HTML 5Page - STMicroelectronics L6213 Datasheet HTML 6Page - STMicroelectronics L6213 Datasheet HTML 7Page - STMicroelectronics L6213 Datasheet HTML 8Page - STMicroelectronics L6213 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage
52
V
VD;VOUT-UP Output Negative Voltage DC
-1.3
V
VD
Output Negative Voltage peak at t = 0.1
µs f = 100KHz
-5V
V
VOUT-DOWN
Output Positive Voltage DC
VS + 1.3
V
Output Positive Voltage peak at t = 0.1
µs f = 25KHz
VS +5
V
VOUT-UP
Output Negative Voltage peak at t = 0.1
µs f = 25KHz
-5
V
PFP
Input Voltage
25
V
VO, Enable
PIM
Input Voltage
7
V
Reset, PF
Output Voltage
20
V
CD, ISTP
Input Voltage
5.5
V
Out-Up
Out-Down
Output Current DC = 10% TON = 3.5ms
5.5
A
Tstg
Storage Temperature
-50 to 150
°C
THERMAL DATA
Symbol
Description
Value
Unit
Rth j-pins
Rth j-amb
Thermal Resistance Junction-pins
Thermal Resistance Junction-ambient
Max.
Max.
14
60
°C/W
°C/W
PIN CONNECTION (Top view)
L6213
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com