Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L295 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L295
Description  DUAL SWITCH-MODE SOLENOID DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L295 Datasheet(HTML) 4 Page - STMicroelectronics

  L295 Datasheet HTML 1Page - STMicroelectronics L295 Datasheet HTML 2Page - STMicroelectronics L295 Datasheet HTML 3Page - STMicroelectronics L295 Datasheet HTML 4Page - STMicroelectronics L295 Datasheet HTML 5Page - STMicroelectronics L295 Datasheet HTML 6Page - STMicroelectronics L295 Datasheet HTML 7Page - STMicroelectronics L295 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
APPLICATION CIRCUIT
D2, D4 = 2A High speed diodes
D1, D3 = 1A High speed diodes
R1 = R2 = 2
Ω
L1 = L2 = 5 mH
)
trr
≤ 200 ns
FUNCTIONAL DESCRIPTION
The L295 incorporates two indipendent driver
channals with separate inputs and outputs, each
capable of driving an inductive load (see block
diagram).
The device is controlled by three micriprocessor
compatible digital inputs and two analog inputs.
These inputs are:
EN
chip enable (digital input, active low),
enables both channels when in the low
state.
Vin1, Vin2
channel inputs (digital inputs, active
high), enable each channel inde-
pendently. A channel is actived when
both EN and the appropriate channel
input are active.
Vref1, Vref2 referce voltages (analog inputs), used
to program the peak load currents.
Peak load current is proportional to Vref
.
Since the two channels are identical, only channel
one will be described.
The following description applies also the channel
two, replacing FF2 for FF1, Vref for Vref1 etc.
When the channel is avtivated by low level on the
EN input and a high level on the channel input, Vin2,
the output transistors Q1 and Q2 switch on and
current flows in the load according to the exponen-
tial law:
I
=
V
R1
( 1 − e
− R1 t
L1
)
where:
R1 and R2 are the resistance and in-
ductance of the load and V is the volt-
age available on the load (Vs - Vdrop -
Vsense).
The current increases until the voltage on the ex-
ternal sensing resistor, RS1, reaches the reference
voltage, Vref1. This peak current, Ip1, is given by:
Ip1
=
Vref1
RS1
At this point the comparator output, Vomp1, sete
the RS flip-flop, FF1, that turns off the output tran-
sistor, Q1. The load current flowing through D2, Q2,
RS1, decreases according to the law:
I
= (
VA
R1
+ Ip1 ) e
− R1 t
L1
−
VA
R1
where VA = VCEsat Q2 + Vsense + VD2
4/8
L295



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com