Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L482 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L482
Description  HALL.EFFECT PICKUP IGNITION CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L482 Datasheet(HTML) 2 Page - STMicroelectronics

  L482 Datasheet HTML 1Page - STMicroelectronics L482 Datasheet HTML 2Page - STMicroelectronics L482 Datasheet HTML 3Page - STMicroelectronics L482 Datasheet HTML 4Page - STMicroelectronics L482 Datasheet HTML 5Page - STMicroelectronics L482 Datasheet HTML 6Page - STMicroelectronics L482 Datasheet HTML 7Page - STMicroelectronics L482 Datasheet HTML 8Page - STMicroelectronics L482 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
BLOCK DIAGRAM
(*) Thermal resistance junction-aluminia with the device soldered on the middle of an aluminia supporting substrate measuring 15 x 20mm ;
0.65mm thickness with infinite heatsink.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VR
Reverse Battery Voltage
– 14
V
VD
Dump Voltage
100
V
Ptot
Power Dissipation at Tamb =90
°C
SO16
DIP
1.2
0.65
W
W
Tj,Tstg
Junction and Storage Temperature Range
– 55 to 150
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal Resistance Junction-ambient (DIP16)
Max
90
°C/W
Rth j-al
Thermal Resistance Junction-alumina (SO16)
Max
50
°C/W
L482
2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com