Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L482 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L482
Description  HALL.EFFECT PICKUP IGNITION CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L482 Datasheet(HTML) 4 Page - STMicroelectronics

  L482 Datasheet HTML 1Page - STMicroelectronics L482 Datasheet HTML 2Page - STMicroelectronics L482 Datasheet HTML 3Page - STMicroelectronics L482 Datasheet HTML 4Page - STMicroelectronics L482 Datasheet HTML 5Page - STMicroelectronics L482 Datasheet HTML 6Page - STMicroelectronics L482 Datasheet HTML 7Page - STMicroelectronics L482 Datasheet HTML 8Page - STMicroelectronics L482 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
(*) These pins refer only to the DIP package type.
For the SO 16 version the permanent conduction reset output signal is not available and the pin 9 becomes the current sensing input. Pin 10
replaces the pin 11 function, pin 11 becomes the power supply input and pin 12 is used as the signal ground.
ELECTRICAL CHARACTERISTICS (VS =14 V, – 40
°C ≤ Tj ≤ 125°C referred to application circuit of
figure 3 regarding DIP-16 package version)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VS
Operating Supply Voltage
6
28
V
IS
Supply Current
V12 = 4.5V
25
mA
VZ
Zener Voltage (pin 12)
IZ = 80mA
6.5
8.8
V
VI
Sensor Input (pin 2)
LOW Voltage
HIGH
2.5
0.5
V
V
II
Sensor Input Current (pin 2)
VI = LOW
VS = 6 to 16V
–12
–1
mA
VHz
Hall-cell Supply Zener Voltage
(pin5)
IHz = 10mA
19
22
25
V
IHZ
Hall-cell Supply Zener Current
(pin5)
t = 10ms
TAMB =25
°C
100
mA
VCE sat
(V14–V16)
Series
Darlington Driver Sat.
Voltage
Io = 70mA
Io = 150mA
0.4
0.6
1.0
V
V
VSENS
Current Limit. Sensing Voltage
(pin10)
VS = 6 to 16V
200
400
mV
I3D
I3C
I3C/I3D
C2 Discharge Current
C2 Charge Current
VS = 6 to 16V
(*) Note 1
0.2
5
6
3.4
20
35
µA
µA
VOVZ
External Darlington Overvoltage
Protection Zener Voltage
IOVZ = 5mA to 15mA
TAMB =25
°C
25
30
35
V
V7
Reference Voltage
2.5
3.5
V
td
Desaturation Time
f = 40Hz VS = 14V
0.6
1.2
1.57
ms
PIN FUNCTIONS (continued)
N
°
Name
Function
13
GROUND
This pin must be connected to ground.
14
DRIVER COLLECTOR
The collector current for the internal driver which drives the external
darlington is supplied through this pin. The external resistor R10 limits the
dissipation in the IC. The value of the resistor depends is a function of the
darlington used and on the limiting current in the coil.
15
OVERVOLTAGE
LIMITATION
The external is protected against overvoltage by means of an internal
zener available at this pin. The external divider R5/R6 defines the limitation
value, given as first approximation by:
Vovp
= 
30
R5
+ 5 ⋅ 103
⋅ R6 + 30
16
DRIVING STAGE
OUTPUT
Current Driver for the External Darlington. To ensure stability and precision
of Tdesat C3 and R3 must be used. Recommended value for R3 is 2K
Ω in
order not to change the open loop gain of the system.
RC may be added to C3 to obtain greater flexibility in various application
situations.
C3 and RC values ranges are 1 to 100nF and 5 to 30K
Ω depending on the
external darlington type.
L482
4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com