Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L482 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L482
Description  HALL.EFFECT PICKUP IGNITION CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L482 Datasheet(HTML) 5 Page - STMicroelectronics

  L482 Datasheet HTML 1Page - STMicroelectronics L482 Datasheet HTML 2Page - STMicroelectronics L482 Datasheet HTML 3Page - STMicroelectronics L482 Datasheet HTML 4Page - STMicroelectronics L482 Datasheet HTML 5Page - STMicroelectronics L482 Datasheet HTML 6Page - STMicroelectronics L482 Datasheet HTML 7Page - STMicroelectronics L482 Datasheet HTML 8Page - STMicroelectronics L482 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ELECTRICAL CHARACTERISTICS (Continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tPC
Permanent
Conduction
Protection Time (pin 8) (see fig.
2)
VI =H
CI =1
µF
135
s
V1
Charging Angle Output Voltage
LOW
HIGH
ISINK =0
ISINK = 1mA
ISOURCE = 1.5mA
ISOURCE = 2.5mA
3
5
0.5
1.2
V
V
V
V
V6
Desat.
Time
Output
Low
Voltage
I6 (sink) = 0.5mA
0.7
V
I6L
Desat. Time Leakage Current
(pin6)
V6 = 5V
10.5
µA
I9L
Permanent
Conduction
Reset
Leakage Current (pin9)
V9 = 5V
10.5
µA
Figure 1 : Main Waveforms.
APPLICATION INFORMATION
L482
5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com