Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3000S Datasheet(PDF) 14 Page - STMicroelectronics

Part # L3000S
Description  SUBSCRIBER LINE INTERFACE KIT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3000S Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L3000S Datasheet HTML 10Page - STMicroelectronics L3000S Datasheet HTML 11Page - STMicroelectronics L3000S Datasheet HTML 12Page - STMicroelectronics L3000S Datasheet HTML 13Page - STMicroelectronics L3000S Datasheet HTML 14Page - STMicroelectronics L3000S Datasheet HTML 15Page - STMicroelectronics L3000S Datasheet HTML 16Page - STMicroelectronics L3000S Datasheet HTML 17Page - STMicroelectronics L3000S Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
2) Parallel Mode
This operating mode is enabled connecting pin 33
to a voltagein the rangefrom 4V to 5V. The five wire
have the following functions :
- power down/feeding (EIA), entering at pin 18
- timing (CI), entering at pin 26
- ring (DCLK), entering at pin 21
- on-hook/off-hook(NCS), outgoing at pin 19
- ground-key (DIO), outgoing at pin 20
In this operating mode the signals at the inputs are
immediately executed,without any external clock ti-
ming ; all the internalregisters are bypassed.The in-
formations sent back on pins 19 and 20, display in
real time the setting of internal circuits, that means
line status. In the table 2 the correspondence bet-
ween the interface wires in the parallel mode and
equivalent bit in serial mode is pointed out ; where
there isn’t this correspondence, the internal setting
is shown.
Table 2 : Parallel Mode.
Pin
Rif.
Meaning (note 1)
Eq. Bit of Ser. Interf.
Value
18
EIA
PD/feeding
BIT0R
0 : High Impedance
1 : Low Impedance
26
CI
Timing
BIT1R
0 : Ring Timing Off
1 : Ring Timing On
21
DCKL
Ring
BIT2R
0 : No Ring
1 : Ring Injection
BIT3R
0 : Low Amplitude
BIT4R
0 : Normal Polarity
BIT5R
0 : Normal Battery
BIT6R
0 :
1:
Line Curr. = 30mA
BIT7R
19
NCS
On-hook/off-hook
BIT0T
0 : On-hook
1 : Off-hook
20
DIO
Ground Key
BIT1T
1 : Long. Curr. < 17mA
0 : Long. Curr. > 17mA
BIT2T
BIT3T
BIT4T
Note :
1. The description of the commands is referred to the system L3030 + LINE INTERFACE module.
DIGITAL INTERFACE ELECTRICAL CHARACTERISTICS
(VDD =+ 5V, VSS = – 5V, Tamb.= 25
oC) (refer to PLCC44 package)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
STATIC ELECTRICAL CHARACTERISTICS
Vil
Input Voltage at Logical ”0”
Pins 18, 19, 20, 21, 26
0
0.8
V
Vih
Input Voltage at Logical ”1”
2.0
5
V
Iil
Input Current at Logical ”0”
Vil = 0V
200
µA
Iih
Input Current at Logical ”1”
Vih = 5V
10
µA
Vol
Output Voltage at Logical ”0”
Pins 19, 20 Iout = – 1mA
0.4
V
Voh
Output Voltage at Logical ”1”
Pins 19, 20 Iout = 1mA
2.4
V
Ilk
Tristate Leak. Current
Pin 20 NCS = ”1”
10
µA
L3000S - L3030
14/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com