Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3000S Datasheet(PDF) 23 Page - STMicroelectronics

Part # L3000S
Description  SUBSCRIBER LINE INTERFACE KIT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3000S Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L3000S Datasheet HTML 19Page - STMicroelectronics L3000S Datasheet HTML 20Page - STMicroelectronics L3000S Datasheet HTML 21Page - STMicroelectronics L3000S Datasheet HTML 22Page - STMicroelectronics L3000S Datasheet HTML 23Page - STMicroelectronics L3000S Datasheet HTML 24Page - STMicroelectronics L3000S Datasheet HTML 25Page - STMicroelectronics L3000S Datasheet HTML 26Page - STMicroelectronics L3000S Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
TEST CIRCUITS
Figure 1 : Symmetry to Ground.
RL
= 20 log
|ZL
− Z|
|ZL + Z|
= 20 log
|2 VS|
|E|
1
WC
<< Z
Figure 2 : 2W Return Loss.
APPENDIX
SLIC TEST CIRCUITS
Referring to the test circuit reported at the end of each SLIC data sheet here below you can find the proper
configuration for each measurement.
In particular : A-B : Line terminals
C : TX sending output on 4W side
D : RX receiving input on 4W side
E : TTX teletaxe signal input
RGIN : low level ringing signal input.
THL
= 20 log10
|VS|
|VR|
Figure 3 : Trans-hybrid Loss.
GS
= 20 log10
|VR|
|VSO|
Figure 4 : SendingGain.
L3000S - L3030
23/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com