Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3000S Datasheet(PDF) 27 Page - STMicroelectronics

Part # L3000S
Description  SUBSCRIBER LINE INTERFACE KIT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3000S Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L3000S Datasheet HTML 21Page - STMicroelectronics L3000S Datasheet HTML 22Page - STMicroelectronics L3000S Datasheet HTML 23Page - STMicroelectronics L3000S Datasheet HTML 24Page - STMicroelectronics L3000S Datasheet HTML 25Page - STMicroelectronics L3000S Datasheet HTML 26Page - STMicroelectronics L3000S Datasheet HTML 27Page - STMicroelectronics L3000S Datasheet HTML 28Page - STMicroelectronics L3000S Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
PowerSO-20 (slug-up) PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
3.70
0.145
a1
0
0.25
0
0.01
b
0.40
0.53
0.016
0.021
c
0.23
0.32
0.009
0.012
D
15.80
16.00
0.622
0.63
D1
9.4
9.80
0.37
0.385
E
13.90
14.50
0.547
0.57
e
1.27
0.05
e3
11.43
0.45
E1
10.90
11.10
0.429
0.437
E2
2.90
0.114
E3
5.80
6.20
0.228
0.244
G
0
0.10
0
0.004
h
1.10
0.043
L
0.80
1.10
0.031
0.043
N
10
° (Max.)
S
8
° (Max.)
e
A
E
a1
PSO20DME
D
E1
E2
hx 45
°
S
Gage Plane
0.35
L
DETAILA
DETAILA
(COPLANARITY)
GC
-C -
SEATING PLANE
e3
b
c
N
N
E3 (slug width)
10
1
D1(slug width)
20
11
L3000S - L3030
27/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com