Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3030 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L3030
Description  SUBSCRIBER LINE INTERFACE KIT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3030 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L3030 Datasheet HTML 7Page - STMicroelectronics L3030 Datasheet HTML 8Page - STMicroelectronics L3030 Datasheet HTML 9Page - STMicroelectronics L3030 Datasheet HTML 10Page - STMicroelectronics L3030 Datasheet HTML 11Page - STMicroelectronics L3030 Datasheet HTML 12Page - STMicroelectronics L3030 Datasheet HTML 13Page - STMicroelectronics L3030 Datasheet HTML 14Page - STMicroelectronics L3030 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Ringing Mode
When ringingis selected (BIT2R = 1, BIT0R = 0), the
control unit L3030 presets the L3000S to operate
between – 48V (– 60V) and + 72V (+ 60V) battery.
Then,settingBIT1 = 1, a low level signal(0.285Vrms
with frequency range 16-66Hz) applied to pin 41, is
amplified and injected in balanced mode to the line
throughL3000S with a superimposedDC voltageof
24V. The impedance to the line is given by the two
external resistors and the 24V DC polarity can only
be direct.
The first and the lastringing cycles aresynchronized
by L3030 so that ringing always starts and stops at
zero crossing. Ring trip detection is performed au-
tonomouslyby the SLIC,without any particular com-
mand, using a patented system ; when handset is
lifted, SLIC suspends the ringing signal just remai-
ning inthe ringingmode. In thiscondition,the control
unit L3030 checks that the loop is closed for a time
equal to two periods of the ringing signal ; if the clo-
sure is confirmed, a flag (BIT0T = 1) is set and the
SLIC waits the new command from the control pro-
cessor. Whereas the loop closure is not confirmed,
the ringing signalis newly applied to theline, without
setting BIT0T.
DIGITAL INTERFACE
Functional Description
The L3030 states and functions are controlled by
central processor through five wires defining a digi-
tal interface.It is possibleto select the interfacewor-
king mode between SERIAL or PARALLEL (pin 33
tied to a voltage between 4 and 5V).
1) Serial Mode
The five wires of the digital interface have the follo-
wing functions :
- clock (DCLK), entering at pin 21
- data in/data out (DIO), exchanged at pin 20
- input/outputselect (EIA), entering at pin 18
- chip select (NCS), entering at pin 19
- change NCS from in to out (CI), entering at pin 26
(note 1)
The maximum clock frequency is 600Khz.
When EIA signal is low data are transferred from the
card controller into I/O registers of the L3030 selec-
ted by NCS signal tied at low level ; then data are
latched for execution. In this phasea complete 8 bit
word is loaded into internal register and consequen-
tly NCS signal must remain low for the correspon-
ding 8 clock pulses (DCLK). The EIA signal must
remain at low level at least for the time in whichNCS
signal remain low. The device load data in input re-
gister during the positive edge of clock signal
(DCLK) and store the contents of the register on the
positive edge of NCS signal.
When EIA signal is high data are transferred from
the L3030 selected by NCS tied to low level to the
card controller. The L3030 status is described by
five bits contained in the output register ; the NCS
signalcan remain low for fiveor lessclockpulsesde-
pending if the card controller want to read the com-
plete L3030 status or only a part of it.
Fig. 8, 9 showthe completewrite and read operation
timing. Table 1 shows the meaning of each bit of an
I/O data.
L3000S - L3030
11/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com