Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3030 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L3030
Description  SUBSCRIBER LINE INTERFACE KIT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3030 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L3030 Datasheet HTML 12Page - STMicroelectronics L3030 Datasheet HTML 13Page - STMicroelectronics L3030 Datasheet HTML 14Page - STMicroelectronics L3030 Datasheet HTML 15Page - STMicroelectronics L3030 Datasheet HTML 16Page - STMicroelectronics L3030 Datasheet HTML 17Page - STMicroelectronics L3030 Datasheet HTML 18Page - STMicroelectronics L3030 Datasheet HTML 19Page - STMicroelectronics L3030 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
EXTERNAL COMPONENT LIST FOR THE LINE INTERFACE
Pin
Component
Involved Parameter or Function
Ref.
Value
L3000S
10
RREF
24.9k
Ω ± 1%
Bias Resistance
1,15
RP
30 to 100
Ω
Line Series Resistor
7
CDVB
47
µF – 20V
Battery Voltage Rejection
3
CVB+
0.1
µF – 100V (1)
Positive Battery Filter
8
CVB–
0.1
µF – 100V (2)
Negative Battery Filter
8
D1
BAT 49X
Protective Shottky Diode
L3030 (PLCC44)
4-3
CVSS
0.1
µF – 15V
Negative Supply Voltage Filter
5-3
CVDD
0.1
µF – 15V
Positive Supply Voltage Filter
7-8
RR
16K
Ω (range: 10 to 50KΩ)
Capacitor Multiplier Gain (8)
15-17
RDC
2 x (RFS – RP1)
DC Feeding Resistor (RDC > 270
Ω)
7-15
CAC1 (3)
1
6.28
x 250 x
(ZAC
+ RDC)
AC Path decoupling
14-15
CAC2
CAC1
8-9
ZAC
ZML – (RP1 + RP2)
2 Wire AC impedance
8-9
CCOMP
1/(6.28 x 150000 x (RPC))
AC loop compensation
9-14
RPC
RP1 + RP2
Rp insertion loss compensation
2-3
RREF
24.9K
Ω 1%
Bias Resistance
36-3
ZB
K x Zline (note 4)
Line Impedance Balancing Network
36-41
ZL
K x RPC in Series with
K x ZAC // (CCOMP/K)
SLIC Impedance Balancing Network (note 5)
32-3
CINT
(note 6)
Ring trip detection time constant
15-16
Ccon
0.15
µF (note 7)
Interface Time Constant
35
TTx FILT.
ZTTX =1k
Ω 1% in speech band
ZTTX
≈ 0Ω at TTX freq. (note 9)
Teletax filter.
34
RGTTX
10k
Ω 1%
Teletax filter.
Notes :
1. In case l ine cards wi th less than 7 subscri bers are i mplemented CVB – capaci tor should be equal to 680nF/N where
N i s the number of subscri ber per car d.
2. This shot tky diode or equivalent is necessar y to avoid to damage to t he devi ce dur ing hot insertion or in all t hose
cases when a proper power up sequence cannot be guaranteed.
In case the shottky di ode i s not impl emented the power sequence shoul d guarantee that V B+ is always the last
supply appl ied at pow er on and t he fi rst removed at power off.
In case an ot her shot tky diode type i s adopted it must fulf il l the foll owing character isti cs:
VF < 450mV @ IF =n
⋅ 15mA, Tamb =25°C
VF < 350mV @ IF =n
⋅ 15mA, Tamb =50°C(TjL3000 =90°C)
VF < 245mV @ IF =n
⋅ 15mA, Tamb =85°C(TjL3000 = 120°C)
Where n i s the number of line shari ng the same diode.
3. If the internal capacit y mul tipli er stage i s not used, pin 7 must be connect ed w ith pin 14 without mounting R R and
CAC 2. In thi s case C AC1 = 1/(6.28 x 30 x RD C).
4. The str ucture of thi s network shall copy the line impedance, in case mul tiplied by a factor K = 1....10
5. K as fixed at note 4.
6. CINT can have the f ollowi ng values :
7. Ccon is necessary to w ork ”w it hout on/off hook det ection- error s” during T TX-pul ses.
8. RR is used by a capaci tor multiplier ci rcuit to synthetize an hi gher AC /DC split ting capacit or st arti ng from CA C1
and CAC 2. Supposi ng CAC1 = CAC2 = CA C the synt heti zed capacitor value will be equal
RR
+ ZML
ZML
⋅ CAC .
9. If Te letax is not used t he T TX F ILT. can be r eplaced by a 1k
Ω resistor.
Fr. (Hz)
16/18
18/21
21/26
26/31
31/38
38/46
46/57
57/66
CINT (nF)
560
470
390
330
270
220
180
150
L3000S - L3030
16/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com